Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25P243AD-4A Datasheet(PDF) 2 Page - Winbond

Part # W25P243AD-4A
Description  64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25P243AD-4A Datasheet(HTML) 2 Page - Winbond

  W25P243AD-4A Datasheet HTML 1Page - Winbond W25P243AD-4A Datasheet HTML 2Page - Winbond W25P243AD-4A Datasheet HTML 3Page - Winbond W25P243AD-4A Datasheet HTML 4Page - Winbond W25P243AD-4A Datasheet HTML 5Page - Winbond W25P243AD-4A Datasheet HTML 6Page - Winbond W25P243AD-4A Datasheet HTML 7Page - Winbond W25P243AD-4A Datasheet HTML 8Page - Winbond W25P243AD-4A Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
W25P243A
- 2 -
PIN CONFIGURATION
V
S
S
Q
/
L
B
O
A
1
5
A
1
4
A
1
3
V
D
D
V
S
S
A
1
2
A
1
1
A
1
0
A
9
R
S
V
A
8
A
7
A
6
A
5
A
4
A
3
V
D
D
V
S
S
A
2
A
1
A
0
Z
Z
V
D
D
Q
VDDQ
I/O32
I/O31
I/O30
I/O29
I/O28
I/O27
I/O26
I/O25
I/O24
I/O23
I/O22
VSSQ
VDDQ
I/O21
I/O20
I/O19
I/O18
I/O17
I/O16
I/O15
I/O14
I/O13
I/O12
VSSQ
VDDQ
I/O11
I/O10
I/O9
I/O8
I/O7
I/O6
I/O5
I/O4
I/O3
I/O2
I/O1
VSSQ
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
5
2
3
9
4
0
4
1
4
2
4
3
4
4
4
5
4
6
4
7
4
8
4
9
5
0
5
1
5
3
5
4
5
5
5
6
5
7
5
8
5
9
6
0
6
1
6
2
6
3
6
4
V
S
S
Q
V
D
D
Q
C
E
2
/
C
E
3
V
S
S
V
D
D
/
C
E
/
B
W
8
/
B
W
7
/
B
W
6
/
B
W
5
/
O
E
C
L
K
/
B
W
E
/
G
W
/
B
W
4
/
B
W
3
V
S
S
V
D
D
/
B
W
2
/
B
W
1
/
A
D
S
C
/
A
D
S
P
/
A
D
V
1
2
8
1
2
7
1
2
6
1
2
5
1
2
4
1
2
3
1
2
2
1
2
1
1
2
0
1
1
9
1
1
8
1
1
7
1
1
6
1
1
4
1
1
3
1
1
2
1
1
1
1
1
0
1
0
9
1
0
8
1
0
7
1
0
6
1
0
5
1
0
4
1
0
3
1
1
5
VSSQ
I/O33
I/O34
I/O35
I/O36
I/O37
I/O38
I/O39
I/O40
I/O41
I/O42
I/O43
VDDQ
VSSQ
I/O44
I/O45
I/O46
I/O47
I/O48
I/O49
I/O50
I/O51
I/O52
I/O53
VDDQ
VSSQ
I/O54
I/O55
I/O56
I/O57
I/O58
I/O59
I/O60
I/O61
I/O62
I/O63
I/O64
VDDQ
N
C
N
C
N
C


Similar Part No. - W25P243AD-4A

ManufacturerPart #DatasheetDescription
logo
Winbond
W25P240A WINBOND-W25P240A Datasheet
166Kb / 14P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P240A-6 WINBOND-W25P240A-6 Datasheet
166Kb / 14P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P240A-6A WINBOND-W25P240A-6A Datasheet
166Kb / 14P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - W25P243AD-4A

ManufacturerPart #DatasheetDescription
logo
Winbond
W25S243A WINBOND-W25S243A Datasheet
303Kb / 17P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P240A WINBOND-W25P240A Datasheet
166Kb / 14P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P222A WINBOND-W25P222A Datasheet
1Mb / 16P
   64K X 32 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P022A WINBOND-W25P022A Datasheet
310Kb / 17P
   64K X 32 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
UT6164C64A ETC-UT6164C64A Datasheet
234Kb / 15P
   64K X 64 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24512A WINBOND-W24512A Datasheet
214Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com