Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

031-9174-004 Datasheet(PDF) 8 Page - ITT Industries

Part # 031-9174-004
Description  Cannon Rack & Panel Connectors
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

031-9174-004 Datasheet(HTML) 8 Page - ITT Industries

Back Button 031-9174-004 Datasheet HTML 4Page - ITT Industries 031-9174-004 Datasheet HTML 5Page - ITT Industries 031-9174-004 Datasheet HTML 6Page - ITT Industries 031-9174-004 Datasheet HTML 7Page - ITT Industries 031-9174-004 Datasheet HTML 8Page - ITT Industries 031-9174-004 Datasheet HTML 9Page - ITT Industries 031-9174-004 Datasheet HTML 10Page - ITT Industries 031-9174-004 Datasheet HTML 11Page - ITT Industries 031-9174-004 Datasheet HTML 12Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 120 page
background image
Plug
260 (6 60)*
250 (6 35)
.070 (1.78)*
.050 (1.27)
5.355 (136.02)
5.345 (135.76)
135 (3.43)*
115 (2.92)
A
6 995 MAX
(177.67)
6.500 MAX
(165.10)
.620 MIN
(15.75)
.130 (3.30)
.120 (3.05)
BKAE SERIES
1.402 (35.61) MAX
BKAD SERIES
1.102 (27.99) MAX
BKAD SERIES
1.198 (30.43) MAX
2.135 (54.23)
2.125 (53.98)
6.645 (168.78)
6.629 (168.38)
6.360 (161.54)
6.340 (161.04)
1.810 (45.97)
1.790 (45.47)
1.431 (36.35)
1.421 (36.09)
.655 (16.64)
.645 (16.38)
653 (16.59)
647 (16.43)
191 (4.85)
189 (4.80)
3PL
030 (.76) R
MAX 4 PL
030 R
(.76)
MAX
4 PL
6.353
(161.37)
6.347
161.21
120 R
(3.05)
MAX
4 PL
385
(9.78)
375
(9.52)
250 MAX
(6.35)
.608 MAX
(15.44)
6.890
(175.01)
MIN
6.515 MIN
(165.48)
1.429
(36.30)
1.423
(36.14)
1.850 MIN
(46.99)
.180
(4.57)
166
(4.22)
8 PL
.148 +_ 003 (3.76 +_ 0.08) DIA
10 PLCS MTG HOLES
B
A
C
188(4.78)
184(4.67)
BKAE SERIES
11550 (39.37) MAX
1.195 MAX
(30.35)
3 770 (95.76)
3 760 (95.50)
2 004 (50.90)
1 994 (50.65)
1 258 (31.95)
1 248 (31.70)
168 (4.27)
158 (4.01)
.865 (21.97)
.855 (21.72)
1 415 (35.94)
1 405 (35.69)
260 (6.60)*
250 (6.35)
6.975 MAX
(177.16)
BKAE SERIES
1.531 (38.89) MAX
BKAD/BKAF SERIES
1.221 (31.01)MAX
130 (3.30
.120 (3.05)
BKAD/BKAF SERIES
1.317 (33.45)
2.135 (54.23)
2.125 (53.98)
A
B
C
.188 (4.78)
.184 (4.67)
6.627 (168.33)
6.607 (167.82)
6.360 (161.54
6.340 (161.04
2.780
(70.61)
MAX
2.200
(55.88)
MIN
.365 (9.27)
.355 (9.02)
.240 MAX
(6.10)
.653 (16.59)
.647 (16.43)
2 PLC
.287 R
(7.29)
MAX
8 PL
.120 R
(3.05)
MAX
4 PL
2.133
(54.18)
2.127
(54.03)
6.870
(174.50)
MIN
.260
(6.60)
.230
(5.84)
2 PL
.180
(4.57)
.166
(4.22)
10 PL
1.429
(36.30)
1.423
(36.14)
3 PL
030 R
(76)
MAX
2 PL
240
(6.10)
MAX
6.353
(161.37)
6.347
(161.21)
D
1.530
(38.86)
MIN
191 (4.85)
189 (4.80)
2 PL
1.810 (45.97)
1.790 (45.47)
1.431 (36.35)
1.421 (36.09)
.655 (16.64)
.645 (16.38)
.148 .003 (3.76 +_ 0.08) DIA.
10 PLCS MTG HOLES
BKAE SERIES
1.670 (42.42)
.070 (1.78)*
.050 (1.27)
5.335 (136.02)
5.345 (135.76)
.135 (3.43)*
.115 (2.92)
3.770 (95.76)
3.760 (95.50)
2.004 (50.90)
1.994 (50.65)
1.258 (31.95)
1.248 (31.70)
.865 (21.97)
.855 (21.72)
.168 (4.27)
.158 (4.01)
1.415 (35.94)
1.405 (35.69)
Retainer Plate
*This dimension indicates distance from centerline of retaining screw to the centerline of first contact cavity.
For further information, refer to ARINC 600 specification or consult factory.
Size 2 Receptacle
Panel Cutout
C
B
A
Retainer Plate
Size 2 Plug
Panel Cutout
Receptacle
For further information, refer to ARINC 600 specification or consult factory.
* This dimension indicates distance from centerline of retaining screw to the centerline of first contact cavity.
B
C
D
ARINC 600
BKAD/E/F
Shell Dimensions- Size 2
8
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change


Similar Part No. - 031-9174-004

ManufacturerPart #DatasheetDescription
logo
ITT Industries
031-9134-001 ITT-031-9134-001 Datasheet
748Kb / 34P
   ARINC 404
031-9134-004 ITT-031-9134-004 Datasheet
748Kb / 34P
   ARINC 404
More results

Similar Description - 031-9174-004

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com