Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W24512AS-25 Datasheet(PDF) 3 Page - Winbond

Part # W24512AS-25
Description  64K X 8 HIGH SPEED CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24512AS-25 Datasheet(HTML) 3 Page - Winbond

  W24512AS-25 Datasheet HTML 1Page - Winbond W24512AS-25 Datasheet HTML 2Page - Winbond W24512AS-25 Datasheet HTML 3Page - Winbond W24512AS-25 Datasheet HTML 4Page - Winbond W24512AS-25 Datasheet HTML 5Page - Winbond W24512AS-25 Datasheet HTML 6Page - Winbond W24512AS-25 Datasheet HTML 7Page - Winbond W24512AS-25 Datasheet HTML 8Page - Winbond W24512AS-25 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
W24512A
Publication Release Date: March 1999
- 3 -
Revision A7
CAPACITANCE
(VDD = 5V, TA = 25
° C, f = 1 MHz)
PARAMETER
SYM.
CONDITIONS
MAX.
UNIT
Input Capacitance
CIN
VIN = 0V
8
pF
Input/Output Capacitance
CI/O
VOUT = 0V
10
pF
Note: These parameters are sampled but not 100% tested.
THERMAL RESISTANCE
PARAMETER
SYM.
CONDITIONS
MAX.
UNIT
Junction to Case Thermal Resistance
θJC
A. F. R. = 1m/sec, TA = 25
° C
20
°C/W
Junction to Ambient Thermal
Resistance
θJA
A. F. R. = 1m/sec, TA = 25
° C
60
°C/W
Note: These parameters are only applied to "TSOP" and "SOJ" package types.
AC CHARACTERISTICS
AC Test Conditions
PARAMETER
CONDITIONS
Input Pulse Levels
0V to 3V
Input Rise and Fall Times
5 nS
Input and Output Timing Reference Level
1.5V
Output Load
CL = 30 pF, IOH/IOL = -4 mA/8 mA
AC Test Loads and Waveform
90%
90%
5 nS
10%
5 nS
10%
R1 480 ohm
5V
OUTPUT
R2
255 ohm
30 pF
Including
Jig and
Scope
3.0V
0V
5V
OUTPUT
R1 480 ohm
5 pF
Including
Jig and
Scope
R2
255 ohm
(For TCLZ1, CLZ2, OLZ, CHZ1, CHZ2, OHZ, WHZ, OW
T
T
T
T
T
T
T
)


Similar Part No. - W24512AS-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W24512AS-25 WINBOND-W24512AS-25 Datasheet
214Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
More results

Similar Description - W24512AS-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W24512A WINBOND-W24512A Datasheet
214Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61C512 ICSI-IS61C512 Datasheet
425Kb / 8P
   64K x 8 HIGH-SPEED CMOS STATIC RAM
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com