Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25S243A-12 Datasheet(PDF) 1 Page - Winbond

Part # W25S243A-12
Description  64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25S243A-12 Datasheet(HTML) 1 Page - Winbond

  W25S243A-12 Datasheet HTML 1Page - Winbond W25S243A-12 Datasheet HTML 2Page - Winbond W25S243A-12 Datasheet HTML 3Page - Winbond W25S243A-12 Datasheet HTML 4Page - Winbond W25S243A-12 Datasheet HTML 5Page - Winbond W25S243A-12 Datasheet HTML 6Page - Winbond W25S243A-12 Datasheet HTML 7Page - Winbond W25S243A-12 Datasheet HTML 8Page - Winbond W25S243A-12 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Preliminary W25S243A
64K
× 64 BURST PIPELINED HIGH-SPEED
CMOS STATIC RAM
Publication Release Date: November 1998
- 1 -
Revision A1
GENERAL DESCRIPTION
The W25S243A is a high-speed, low-power, synchronous-burst pipelined, CMOS static RAM
organized as 65,536
× 64 bits that operates on a single 3.3-volt power supply. A built-in two-bit burst
address counter supports both Pentium
™ burst mode and linear burst mode. The mode to be
executed is controlled by the LBO pin. Pipelining or non-pipelining of the data outputs is controlled by
the FT pin. A snooze mode can reduces power dissipation.
This device supports 3-1-1-1-2-1-1-1 in a two-bank, back-to-back burst read cycle.
FEATURES
Synchronous operation
High-speed access time: 12 nS
Single +3.3V power supply
Individual byte write capability
3.3V LVTTL compatible I/O
Clock-controlled and registered input
Asynchronous output enable
Pipelined/non-pipelined data output capability
Supports snooze mode (low-power state)
Internal burst counter supports Intel burst
(Interleaved) mode & linear burst mode
Supports 2T/1T mode
Packaged in 128-pin QFP and TQFP
BLOCK DIAGRAM
A(15:0)
DATA I/O
REGISTER
INPUT
REGISTER
CONTROL
LOGIC
REGISTER
64K X 64
CORE
ARRAY
CE(3:1)
BWE
CLK
OE
GW
ADSC
ADSP
ADV
LBO
BW(8:1)
I/O(64:1)
FT
ZZ


Similar Part No. - W25S243A-12

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
W2500EP KEYSIGHT-W2500EP Datasheet
1Mb / 6P
   Keysight EEsof EDA
W2500ET KEYSIGHT-W2500ET Datasheet
1Mb / 6P
   Keysight EEsof EDA
logo
Intronics Power, Inc.
W2530-12D12 INTRONICS-W2530-12D12 Datasheet
190Kb / 1P
   DC/DC MODULES
W2530-12D15 INTRONICS-W2530-12D15 Datasheet
190Kb / 1P
   DC/DC MODULES
W2530-12D5 INTRONICS-W2530-12D5 Datasheet
190Kb / 1P
   DC/DC MODULES
More results

Similar Description - W25S243A-12

ManufacturerPart #DatasheetDescription
logo
Winbond
W25P243A WINBOND-W25P243A Datasheet
264Kb / 18P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P240A WINBOND-W25P240A Datasheet
166Kb / 14P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P222A WINBOND-W25P222A Datasheet
1Mb / 16P
   64K X 32 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P022A WINBOND-W25P022A Datasheet
310Kb / 17P
   64K X 32 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
UT6164C64A ETC-UT6164C64A Datasheet
234Kb / 15P
   64K X 64 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24512A WINBOND-W24512A Datasheet
214Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com