Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25P240A-6 Datasheet(PDF) 6 Page - Winbond

Part # W25P240A-6
Description  64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25P240A-6 Datasheet(HTML) 6 Page - Winbond

Back Button W25P240A-6 Datasheet HTML 2Page - Winbond W25P240A-6 Datasheet HTML 3Page - Winbond W25P240A-6 Datasheet HTML 4Page - Winbond W25P240A-6 Datasheet HTML 5Page - Winbond W25P240A-6 Datasheet HTML 6Page - Winbond W25P240A-6 Datasheet HTML 7Page - Winbond W25P240A-6 Datasheet HTML 8Page - Winbond W25P240A-6 Datasheet HTML 9Page - Winbond W25P240A-6 Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
W25P240A
- 6 -
Write Table, continued
READ/WRITE FUNCTION
GW
BWE
BW8
BW7
BW6
BW5
BW4
BW3
BW2
BW1
Write byte 8, byte 7, byte 6,
byte 5, byte 4, byte 3
1
0
0
0
0
0
0
0
1
1
Write byte 8, byte 7, byte 6,
byte 5, byte 4, byte 3, byte 1
1
0
0
0
0
0
0
0
1
0
Write byte 8, byte 7, byte 6,
byte 5, byte 4, byte 3, byte 2
1
0
0
0
0
0
0
0
0
1
Write all bytes
1
0
0
0
0
0
0
0
0
0
Write all bytes
0
x
x
x
x
x
x
x
x
x
DC CHARACTERISTICS
Absolute Maximum Ratings
PARAMETER
RATING
UNIT
Supply Voltage to Vss
-0.5 to 4.6
V
Input/Output to VSS Potential
VSS -0.5 to VDD +0.5
V
Allowable Power Dissipation
1.5
W
Storage Temperature
-65 to 150
°C
Operating Temperature
0 to +55
°C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability
of the device.
Operating Characteristics
(VDD = 3.15V to 3.6V, VSS = 0V, TA = 0 to 55
° C)
PARAMETER
SYM.
TEST CONDITIONS
MIN.
TYP
.
MAX.
UNIT
Input Low Voltage
VIL
-
-0.5
-
+0.8
V
Input High Voltage
VIH
-
+2.0
-
VDD +0.3
V
Input Leakage Current
ILI
VIN = VSS to VDD
-10
-
+10
µA
Output Leakage
Current
ILO
VI/O = VSS to VDD, and data I/O
pins in high-Z state defined in
truth table
-10
-
+ 10
µA
Output Low Voltage
VOL
IOL = +8.0 mA
-
-
0.4
V
Output High Voltage
VOH
IOH = -4.0 mA
2.4
-
-
V
Operating Current
IDD
TCYC
≥ min., I/O = 0 mA
-
-
350
mA
Standby Current
ISB
Unselected mode defined in
truth table, VIN, VIO = VIH
(min.) /VIL (max.) TCYC
≥ min.
-
-
80
mA
Note: Typical characteristics are measured at VDD = 3.3V, TA = 25
° C.


Similar Part No. - W25P240A-6

ManufacturerPart #DatasheetDescription
logo
Winbond
W25P243A WINBOND-W25P243A Datasheet
264Kb / 18P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P243A-4A WINBOND-W25P243A-4A Datasheet
264Kb / 18P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P243A-5 WINBOND-W25P243A-5 Datasheet
264Kb / 18P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P243A-6 WINBOND-W25P243A-6 Datasheet
264Kb / 18P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P243AD-4A WINBOND-W25P243AD-4A Datasheet
264Kb / 18P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - W25P240A-6

ManufacturerPart #DatasheetDescription
logo
Winbond
W25S243A WINBOND-W25S243A Datasheet
303Kb / 17P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P243A WINBOND-W25P243A Datasheet
264Kb / 18P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P222A WINBOND-W25P222A Datasheet
1Mb / 16P
   64K X 32 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P022A WINBOND-W25P022A Datasheet
310Kb / 17P
   64K X 32 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
UT6164C64A ETC-UT6164C64A Datasheet
234Kb / 15P
   64K X 64 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24512A WINBOND-W24512A Datasheet
214Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com