Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W2465AJ-15 Datasheet(PDF) 4 Page - Winbond

Part # W2465AJ-15
Description  8K X 8 High Speed CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W2465AJ-15 Datasheet(HTML) 4 Page - Winbond

  W2465AJ-15 Datasheet HTML 1Page - Winbond W2465AJ-15 Datasheet HTML 2Page - Winbond W2465AJ-15 Datasheet HTML 3Page - Winbond W2465AJ-15 Datasheet HTML 4Page - Winbond W2465AJ-15 Datasheet HTML 5Page - Winbond W2465AJ-15 Datasheet HTML 6Page - Winbond W2465AJ-15 Datasheet HTML 7Page - Winbond W2465AJ-15 Datasheet HTML 8Page - Winbond W2465AJ-15 Datasheet HTML 9Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
W2465A
- 4 -
AC CHARACTERISTICS
(VDD = 5V
±10%, VSS = 0V, TA = 0 to 70° C)
Read Cycle
PARAMETER
SYM.
W2465A-12
W2465A-15
W2465A-20
UNIT
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Read Cycle Time
TRC
12
-
15
-
20
-
nS
Address Access Time
TAA
-
12
-
15
-
20
nS
Chip Select
CS1
TACS1
-
12
-
15
-
20
nS
Access Time
CS2
TACS2
-
12
-
15
-
20
nS
Output Enable to Output Valid
TAOE
-
6
-
7
-
10
nS
Chip Selection to
CS1
TCLZ1*
3
-
3
-
3
-
nS
Output in Low Z
CS2
TCLZ2*
3
-
3
-
3
-
nS
Output Enable to Output in Low Z
TOLZ*
0
-
0
-
0
-
nS
Chip Deselection
CS1
TCHZ1*
-
6
-
7
-
10
nS
to Output in High Z
CS2
TCHZ2*
-
6
-
7
-
10
nS
Output Disable to Output in High Z
TOHZ*
-
6
-
7
-
10
nS
Output Hold from Address Change
TOH
3
-
3
-
3
-
nS
* These parameters are sampled but not 100% tested.
Write Cycle
PARAMETER
SYM.
W2465A-12
W2465A-15
W2465A-20
UNIT
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Write Cycle Time
TWC
12
-
15
-
20
-
nS
Chip Selection to
CS1
TCW1
10
-
13
-
17
-
nS
End of Write
CS2
TCW2
10
-
13
-
17
-
nS
Address Valid to End of Write
TAW
10
-
13
-
17
-
nS
Address Setup Time
TAS
0
-
0
-
0
-
nS
Write Pulse Width
TWP
10
-
10
-
12
-
nS
Write Recovery Time
CS1
, WE
TWR1
0
-
0
-
0
-
nS
CS2
TWR2
0
-
0
-
0
-
nS
Data Valid to End of Write
TDW
7
-
9
-
10
-
nS
Data Hold from End of Write
TDH
0
-
0
-
0
-
nS
Write to Output in High Z
TWHZ*
-
7
-
8
-
10
nS
Output Disable to Output in High Z
TOHZ*
-
7
-
8
-
10
nS
Output Active from End of Write
TOW
0
-
0
-
0
-
nS
* These parameters are sampled but not 100% tested.


Similar Part No. - W2465AJ-15

ManufacturerPart #DatasheetDescription
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
W2465-10 WINBOND-W2465-10 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
W2465-10L WINBOND-W2465-10L Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
W2465-70 WINBOND-W2465-70 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
W2465-70LL WINBOND-W2465-70LL Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
More results

Similar Description - W2465AJ-15

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C64AL_0610 ISSI-IS61C64AL_0610 Datasheet
104Kb / 13P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64B ISSI-IS61C64B Datasheet
44Kb / 9P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64AL ISSI-IS61C64AL Datasheet
96Kb / 13P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61C64AH ICSI-IS61C64AH Datasheet
433Kb / 8P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W2464A WINBOND-W2464A Datasheet
441Kb / 10P
   8K * 8 HIGH SPEED CMOS STATIC RAM
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C165 PYRAMID-P4C165 Datasheet
178Kb / 9P
   ULTRA HIGH SPEED 8K x 8 RESETTABLE STATIC CMOS RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com