Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1MC06012 Datasheet(PDF) 4 Page - RMT Ltd.

Part # 1MC06012
Description  Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.6x0.6 mm. Each TEC type is available with five different heights as options.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

1MC06012 Datasheet(HTML) 4 Page - RMT Ltd.

  1MC06012 Datasheet HTML 1Page - RMT Ltd. 1MC06012 Datasheet HTML 2Page - RMT Ltd. 1MC06012 Datasheet HTML 3Page - RMT Ltd. 1MC06012 Datasheet HTML 4Page - RMT Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
53 Leninskij prosp. Moscow 119991 Russia, ph: +7-499-132-6817, fax: +7-499-783-3664, web: www.rmtltd.ru
Copyright 2008. RMT Ltd. The design and specifications of products can be changed by RMT Ltd without notice.
Page 4 of 4
Thermoelectric Module Datasheet
RMT Ltd
Color Legend: Imax, 0.8 Imax, 0.6 Imax, 0.4 Imax
Application Tips
1. Never heat TE module more than 200˚C (TEC
assembled at 230˚C).
2. Never use TE module without attached heat sink
at hot (bottom) side.
3. Connect TE module to DC power supply
according to polarity.
4. Do not apply DC current higher than Imax.
Installation
1. Mechanical Mounting. TEC is placed between two heat exchangers . This construction is fixed by screws or
in another mechanical way. It is suitable for large modules (with dimensions 30x30mm and larger). Miniature
types require other assembling methods in most cases.
2. Soldering. This method is suitable for a TE module with metallized outside surfaces. RMT provides this
option and also makes pre-tinning for TE modules.
3. Glueing. It is an up-to-date method that is used by many customers due to availability of glues with good
thermoconductive properties. A glue is usually based on some epoxy compound filled with some
thermoconductive material such as graphite or diamond powders, silver, SiN and others. The application of
a specific type depends on application features and the type of a TE module.
1
2
3
Object being cooled
Object being cooled
Heatsink
Heatsink
TEC
TEC
Soldering
Gluing
Screw mounting
Performance Plots
1MC06-012-15


Similar Part No. - 1MC06012

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
1MC06017 RMT-1MC06017 Datasheet
252Kb / 4P
   Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.6x0.6 mm. Each TEC type is available with five different heights as options.
1MC06018 RMT-1MC06018 Datasheet
253Kb / 4P
   Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.6x0.6 mm. Each TEC type is available with five erent heights as options
1MC06018 RMT-1MC06018_1 Datasheet
4Mb / 8P
   Blank ceramics (not metallized)
1MC06018 RMT-1MC06018_2 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
1MC06018 RMT-1MC06018_3 Datasheet
2Mb / 8P
   Blank ceramics (not metallized)
More results

Similar Description - 1MC06012

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
1MC06004 RMT-1MC06004 Datasheet
250Kb / 4P
   Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.6x0.6 mm. Each TEC type is available with five different heights as options.
1MC06017 RMT-1MC06017 Datasheet
252Kb / 4P
   Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.6x0.6 mm. Each TEC type is available with five different heights as options.
1MC06007 RMT-1MC06007 Datasheet
248Kb / 4P
   Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.6x0.6 mm. Each TEC type is available with five different heights as options.
1MC06008 RMT-1MC06008 Datasheet
248Kb / 4P
   Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.6x0.6 mm. Each TEC type is available with five different heights as options.
1MC06142 RMT-1MC06142 Datasheet
252Kb / 4P
   Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.6x0.6 mm. Each TEC type is available with five erent heights as options
1MC06030 RMT-1MC06030 Datasheet
250Kb / 4P
   Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.6x0.6 mm. Each TEC type is available with five erent heights as options
1MC06046 RMT-1MC06046 Datasheet
252Kb / 4P
   Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.6x0.6 mm. Each TEC type is available with five erent heights as options
1MC06050 RMT-1MC06050 Datasheet
252Kb / 4P
   Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.6x0.6 mm. Each TEC type is available with five erent heights as options
1MC06060 RMT-1MC06060 Datasheet
250Kb / 4P
   Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.6x0.6 mm. Each TEC type is available with five erent heights as options
1MC06105 RMT-1MC06105 Datasheet
252Kb / 4P
   Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.6x0.6 mm. Each TEC type is available with five erent heights as options
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com