Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25P240A Datasheet(PDF) 9 Page - Winbond

Part # W25P240A
Description  64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25P240A Datasheet(HTML) 9 Page - Winbond

Back Button W25P240A Datasheet HTML 5Page - Winbond W25P240A Datasheet HTML 6Page - Winbond W25P240A Datasheet HTML 7Page - Winbond W25P240A Datasheet HTML 8Page - Winbond W25P240A Datasheet HTML 9Page - Winbond W25P240A Datasheet HTML 10Page - Winbond W25P240A Datasheet HTML 11Page - Winbond W25P240A Datasheet HTML 12Page - Winbond W25P240A Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
W25P240A
Publication Release Date: February 1998
- 9 -
Revision A4
TIMING WAVEFORMS
Read Cycle Timing
Single Read
Burst Read
Unselected
TCYC
CLK
TADSS
TADSH
TKH
TKL
ADSP is blocked by CE inactive
TADCS
TADCH
ADSC initiated read
TADVS
TADVH
TAS
TAH
RD1
RD2
RD3
TWS
TWH
TWS
TWH
TCES
TCEH
ADSP
ADSC
ADV
A[15:0]
GW
BWE
BW[8:1]
CE
Pipelined Read
Suspend Burst
3a
2d
2c
2b
2a
1a
TOE
TOHZ
TOLZ
TOX
TKX
TKHZ
TKX
High-Z
High-Z
OE
Data-Out
Data-In
TKLZ
TKQ
DON'T CARE
UNDEFINED
CE masks ADSP
Unselected with CE


Similar Part No. - W25P240A

ManufacturerPart #DatasheetDescription
logo
Winbond
W25P243A WINBOND-W25P243A Datasheet
264Kb / 18P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P243A-4A WINBOND-W25P243A-4A Datasheet
264Kb / 18P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P243A-5 WINBOND-W25P243A-5 Datasheet
264Kb / 18P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P243A-6 WINBOND-W25P243A-6 Datasheet
264Kb / 18P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P243AD-4A WINBOND-W25P243AD-4A Datasheet
264Kb / 18P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - W25P240A

ManufacturerPart #DatasheetDescription
logo
Winbond
W25S243A WINBOND-W25S243A Datasheet
303Kb / 17P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P243A WINBOND-W25P243A Datasheet
264Kb / 18P
   64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P222A WINBOND-W25P222A Datasheet
1Mb / 16P
   64K X 32 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
W25P022A WINBOND-W25P022A Datasheet
310Kb / 17P
   64K X 32 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
UT6164C64A ETC-UT6164C64A Datasheet
234Kb / 15P
   64K X 64 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24512A WINBOND-W24512A Datasheet
214Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com