Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUW13 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BUW13
Description  HIGH VOLTAGE, HIGH SPEED POWER TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BUW13 Datasheet(HTML) 3 Page - Comset Semiconductor

  BUW13 Datasheet HTML 1Page - Comset Semiconductor BUW13 Datasheet HTML 2Page - Comset Semiconductor BUW13 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NPN BUW13 - BUW13A
29/09/2012
COMSET SEMICONDUCTORS
3/3
MECHANICAL DATA CASE TO3PN Non Isolated Plastic Package
Revised August 2012
         
 
Information furnished is believed to be accurate and reliable. However, Comset Semiconductors assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may results from its use. Data are subject to change
without notice. Comset Semiconductors makes no warranty, representation or guarantee regarding the suitability of its products for any particular
purpose, nor does Comset Semiconductors assume any liability arising out of the application or use of any product and specifically disclaims any and
all liability, including without limitation consequential or incidental damages. Comset Semiconductors’ products are not authorized for use as critical
components in life support devices or systems.
 
 
www.comsetsemi.com
info@comsetsemi.com
DIMENSIONS (mm)
Min.
Max.
A
15.20
1600
B
1.90
2.10
C
4.60
5.00
D
3.10
3.30
E
9.60
F
2.00
G
0.35
0.55
H
1.40
J
5.35
5.55
K
20.00
L
19.60
20.20
M
0.95
1.25
N
2.00
O
3.00
P
4.00
R
4.00
S
1.80
T
4.80
5.20
Pin 1 :
Base
Pin 2 :
Collector
Pin 3 :
Emitter


Similar Part No. - BUW13

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
BUW13 SAVANTIC-BUW13 Datasheet
136Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BUW13 ISC-BUW13 Datasheet
133Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
BUW13 SAVANTIC-BUW13 Datasheet
138Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BUW131 ISC-BUW131 Datasheet
110Kb / 2P
   isc Silicon NPN Power Transistors
BUW131A ISC-BUW131A Datasheet
110Kb / 2P
   isc Silicon NPN Power Transistors
More results

Similar Description - BUW13

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC5305 UTC-2SC5305_15 Datasheet
164Kb / 4P
   HIGH VOLTAGE HIGH SPEED POWER SWITCHING TRANSISTOR
MJE13011 UTC-MJE13011_15 Datasheet
110Kb / 4P
   HIGH VOLTAGE HIGH SPEED POWER SWITCHING TRANSISTOR
2SC5305 UTC-2SC5305_2 Datasheet
164Kb / 4P
   HIGH VOLTAGE HIGH SPEED POWER SWITCHING TRANSISTOR
2SC5305 UTC-2SC5305 Datasheet
159Kb / 4P
   HIGH VOLTAGE HIGH SPEED POWER SWITCHING TRANSISTOR
logo
Continental Device Indi...
BUF508A CDIL-BUF508A Datasheet
116Kb / 3P
   NPN HIGH VOLTAGE HIGH SPEED SILICON POWER TRANSISTOR
logo
Solid States Devices, I...
SPT6502 SSDI-SPT6502 Datasheet
198Kb / 2P
   HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
SPT5502 SSDI-SPT5502_1 Datasheet
112Kb / 3P
   HIGH VOLTAGE / HIGH SPEED NPN TRANSISTOR
TR0026C SSDI-TR0026C Datasheet
112Kb / 3P
   HIGH VOLTAGE / HIGH SPEED NPN TRANSISTOR
logo
NTE Electronics
NTE2319 NTE-NTE2319 Datasheet
26Kb / 3P
   Silicon NPN Transistor High Voltage, High Speed Power Switch
logo
Solid States Devices, I...
SPT420 SSDI-SPT420 Datasheet
233Kb / 2P
   NPN HIGH VOLTAGE HIGH SPEED POWER TRANSISTOR 40 AMPS, 1000V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com