Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W2465AK-20 Datasheet(PDF) 7 Page - Winbond

Part # W2465AK-20
Description  8K X 8 High Speed CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W2465AK-20 Datasheet(HTML) 7 Page - Winbond

  W2465AK-20 Datasheet HTML 1Page - Winbond W2465AK-20 Datasheet HTML 2Page - Winbond W2465AK-20 Datasheet HTML 3Page - Winbond W2465AK-20 Datasheet HTML 4Page - Winbond W2465AK-20 Datasheet HTML 5Page - Winbond W2465AK-20 Datasheet HTML 6Page - Winbond W2465AK-20 Datasheet HTML 7Page - Winbond W2465AK-20 Datasheet HTML 8Page - Winbond W2465AK-20 Datasheet HTML 9Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
W2465A
Publication Release Date: October 1995
- 7 -
Revision A6
ORDERING INFORMATION
PART NO.
ACCESS
TIME (nS)
OPERATING
CURRENT
Max. (mA)
STANDBY
CURRENT
Max. (mA)
PACKAGE
W2465AK-12
12
180
5
300 mil skinny
W2465AK-15
15
150
5
300 mil skinny
W2465AK-20
20
120
5
300 mil skinny
W2465AJ-12
12
180
5
300 mil SOJ
W2465AJ-15
15
150
5
300 mil SOJ
W2465AJ-20
20
120
5
300 mil SOJ
Notes:
1. Winbond reserves the right to make changes to its products without prior notice.
2. Purchasers are responsible for performing appropriate quality assurance testing on products intended for use in applications
where personal injury might occur as a consequence of product failure.


Similar Part No. - W2465AK-20

ManufacturerPart #DatasheetDescription
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
W2465-10 WINBOND-W2465-10 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
W2465-10L WINBOND-W2465-10L Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
W2465-70 WINBOND-W2465-70 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
W2465-70LL WINBOND-W2465-70LL Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
More results

Similar Description - W2465AK-20

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C64AL_0610 ISSI-IS61C64AL_0610 Datasheet
104Kb / 13P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64B ISSI-IS61C64B Datasheet
44Kb / 9P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64AL ISSI-IS61C64AL Datasheet
96Kb / 13P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61C64AH ICSI-IS61C64AH Datasheet
433Kb / 8P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W2464A WINBOND-W2464A Datasheet
441Kb / 10P
   8K * 8 HIGH SPEED CMOS STATIC RAM
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C165 PYRAMID-P4C165 Datasheet
178Kb / 9P
   ULTRA HIGH SPEED 8K x 8 RESETTABLE STATIC CMOS RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com