Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W24L011A-10 Datasheet(PDF) 1 Page - Winbond

Part # W24L011A-10
Description  128K X 8 High Speed CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24L011A-10 Datasheet(HTML) 1 Page - Winbond

  W24L011A-10 Datasheet HTML 1Page - Winbond W24L011A-10 Datasheet HTML 2Page - Winbond W24L011A-10 Datasheet HTML 3Page - Winbond W24L011A-10 Datasheet HTML 4Page - Winbond W24L011A-10 Datasheet HTML 5Page - Winbond W24L011A-10 Datasheet HTML 6Page - Winbond W24L011A-10 Datasheet HTML 7Page - Winbond W24L011A-10 Datasheet HTML 8Page - Winbond W24L011A-10 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
W24L011A
128K
× 8 HIGH SPEED CMOS STATIC RAM
Publication Release Date: April 26, 2002
- 1 -
Revision A3
GENERAL DESCRIPTION
The W24L011A is a high speed, low power CMOS static RAM organized as 131072 x 8 bits that
operates on a single 3.3-volt power supply. This device is manufactured using Winbond's high
performance CMOS technology.
FEATURES
High speed access time: 10/12/15 nS
Single +3.3V power supply
Center power/ground pin configuration
Fully static operation
All inputs and outputs directly TTL compatible
Three-state outputs
Available packages: 32-pin 300 mil SOJ, Small
TSOP-I (8 x 13.4 mm), TSOP-I (8 x 20 mm)
and 400 mil SOJ
PIN CONFIGURATIONS
1
2
3
4
5
2 4
2 5
2 6
2 7
2 8
6
7
8
9
2 0
2 1
2 2
2 3
1 0
1 1
1 2
1 3
1 6
1 7
1 8
1 9
1 4
1 5
3 2
3 1
3 0
2 9
1
2
3
4
5
6
7
8
9
11
12
14
15
16
32-pin
TSOP
32
31
30
29
27
26
25
24
23
22
21
20
19
18
17
10
13
28
A0
A1
A2
A3
CS#
I/O1
I/O2
Vcc
Vss
I/O3
I/O4
WE#
A4
A5
A6
A7
A8
A9
A10
A11
A12
I/O5
I/O6
Vcc
Vss
I/O7
I/O8
OE#
A13
A14
A15
A16
A8
A9
A10
A11
A12
I/O5
I/O6
Vcc
Vss
I/O7
I/O8
OE#
A13
A14
A15
A16
A0
A1
A2
A4
CS#
I/O1
I/O2
Vcc
Vss
I/O3
I/O4
WE#
A4
A5
A6
A7
BLOCK DIAGRAM
A0
.
CS
A16
WE
I/O1
I/O8
OE
V
V
.
.
DATA I/O
ARRAY
DECODER
CORE
.
CONTROL
DD
SS
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0
− A16
Address Inputs
I/O1
− I/O8
Data Inputs/Outputs
CS
Chip Select Inputs
WE
Write Enable Input
OE
Output Enable Input
VDD
Power Supply
VSS
Ground


Similar Part No. - W24L011A-10

ManufacturerPart #DatasheetDescription
logo
Winbond
W24L01 WINBOND-W24L01 Datasheet
182Kb / 11P
   128K X 8 CMOS STATIC RAM
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010A-10 WINBOND-W24L010A-10 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010A-12 WINBOND-W24L010A-12 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010A-15 WINBOND-W24L010A-15 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
More results

Similar Description - W24L011A-10

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com