Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W24L010A-12 Datasheet(PDF) 3 Page - Winbond

Part # W24L010A-12
Description  128K X 8 High Speed CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24L010A-12 Datasheet(HTML) 3 Page - Winbond

  W24L010A-12 Datasheet HTML 1Page - Winbond W24L010A-12 Datasheet HTML 2Page - Winbond W24L010A-12 Datasheet HTML 3Page - Winbond W24L010A-12 Datasheet HTML 4Page - Winbond W24L010A-12 Datasheet HTML 5Page - Winbond W24L010A-12 Datasheet HTML 6Page - Winbond W24L010A-12 Datasheet HTML 7Page - Winbond W24L010A-12 Datasheet HTML 8Page - Winbond W24L010A-12 Datasheet HTML 9Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
W24L010A
Publication Release Date: September 1999
- 3 -
Revision A2
CAPACITANCE
(VDD = 3.3V, TA = 25
° C, f = 1 MHz)
PARAMETER
SYM.
CONDITIONS
MAX.
UNIT
Input Capacitance
CIN
VIN = 0V
8
pF
Input/Output Capacitance
CI/O
VOUT = 0V
10
pF
Note: These parameters are sampled but not 100% tested.
AC TEST CONDITIONS
PARAMETER
CONDITIONS
Input Pulse Levels
0V to 3V
Input Rise and Fall Times
3 nS
Input and Output Timing Reference Level
1.5V
Output Load
CL = 30 pF, IOH/IOL = -4 mA/8 mA
AC TEST LOADS AND WAVEFORM
90%
90%
3 nS
10%
3 nS
10%
R1 320 ohm
3.3V
OUTPUT
R2
350 ohm
30 pF
Including
Jig and
Scope
3.0V
0V
3.3V
OUTPUT
R1 320 ohm
5 pF
Including
Jig and
Scope
R2
350 ohm
(For TCLZ1, CLZ2, OLZ,
CHZ1,
CHZ2,
OHZ,
WHZ,
OW
T
T
T
T
T
T
T
)


Similar Part No. - W24L010A-12

ManufacturerPart #DatasheetDescription
logo
Winbond
W24L01 WINBOND-W24L01 Datasheet
182Kb / 11P
   128K X 8 CMOS STATIC RAM
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
W24L011A-10 WINBOND-W24L011A-10 Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
W24L011A-12 WINBOND-W24L011A-12 Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
W24L011A-15 WINBOND-W24L011A-15 Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
More results

Similar Description - W24L010A-12

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com