Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHW803 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MHW803
Description  2 W, 806 to 905 MHz UHF POWER AMPLIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MHW803 Datasheet(HTML) 4 Page - Motorola, Inc

  MHW803 Datasheet HTML 1Page - Motorola, Inc MHW803 Datasheet HTML 2Page - Motorola, Inc MHW803 Datasheet HTML 3Page - Motorola, Inc MHW803 Datasheet HTML 4Page - Motorola, Inc MHW803 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MHW803–2
4
MOTOROLA RF DEVICE DATA
APPLICATIONS INFORMATION
NOMINAL OPERATION
All electrical specifications are based on the nominal
conditions of Vs1 = Vs2 = Vs3 = 7.5 Vdc (Pins 2, 3, 4) and Pout
equal to 2 watts. With these conditions, maximum current
density on any device is 1.5 x 105 A/cm2 and maximum die
temperature with 100
°C case operating temperature is
165
°C. While the modules are designed to have excess gain
margin with ruggedness, operation of these units outside the
limits of published specifications is not recommended unless
prior communications regarding intended use have been
made with the factory representative.
GAIN CONTROL
The module output should be limited to 2 watts. The pre-
ferred method of power output control is to fix Vs1 = Vs2 = Vs3
= 7.5 Vdc (Pins 2, 3, 4), Pin (Pin 1) at 1 mW, and vary VCont
(Pin 1) voltage.
DECOUPLING
Due to the high gain of the three stages and the module
size limitation, external decoupling networks require careful
consideration. Pins 2, 3 and 4 are internally bypassed with a
0.018
µF chip capacitor which is effective for frequencies
from 5 MHz through 905 MHz. For bypassing frequencies
below 5 MHz, networks equivalent to that shown in Figure 1
are recommended. Inadequate decoupling will result in spu-
rious outputs at certain operating frequencies and certain
phase angles of input and output VSWR.
LOAD MISMATCH
During final test, each module is load mismatch tested in a
fixture having the identical decoupling networks described in
Figure 1. Electrical conditions are Vs1 = Vs2 = Vs3 equal to 10
Vdc, VSWR equal to 10:1, and output power equal to 3 watts.


Similar Part No. - MHW803

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW804 MOTOROLA-MHW804 Datasheet
103Kb / 6P
   4.0 WATTS 800 to 940 MHz RF POWER AMPLIFIERS
MHW804-1 MOTOROLA-MHW804-1 Datasheet
103Kb / 6P
   4.0 WATTS 800 to 940 MHz RF POWER AMPLIFIERS
MHW804-2 MOTOROLA-MHW804-2 Datasheet
103Kb / 6P
   4.0 WATTS 800 to 940 MHz RF POWER AMPLIFIERS
MHW807 MOTOROLA-MHW807 Datasheet
244Kb / 5P
   UHF POWER AMPLIFIERS
MHW807-1 MOTOROLA-MHW807-1 Datasheet
244Kb / 5P
   UHF POWER AMPLIFIERS
More results

Similar Description - MHW803

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW903 MOTOROLA-MHW903 Datasheet
154Kb / 8P
   3.5 W 890 to 915 MHz RF POWER AMPLIFIERS
MHW720A1 MOTOROLA-MHW720A1 Datasheet
89Kb / 4P
   UHF Power Amplifiers
MHW807-1 MOTOROLA-MHW807-1 Datasheet
244Kb / 5P
   UHF POWER AMPLIFIERS
MHW927A MOTOROLA-MHW927A Datasheet
166Kb / 6P
   6.0 W 824 to 849 MHz RF LINEAR POWER AMPLIFIERS
logo
TAI-SAW TECHNOLOGY CO.,...
TA1299A TAI-SAW-TA1299A Datasheet
481Kb / 6P
   SAW Filter 806 MHz
logo
New Jersey Semi-Conduct...
MRF839 NJSEMI-MRF839 Datasheet
48Kb / 1P
   3 W 806-960 MHz RF POWER TRANSISTORS COMMON-EMITTER NPN SIUCON
logo
TriQuint Semiconductor
856979 TRIQUINT-856979_15 Datasheet
793Kb / 9P
   806/847 MHz Duplexer
logo
TAI-SAW TECHNOLOGY CO.,...
TA1071A TAI-SAW-TA1071A Datasheet
413Kb / 7P
   SAW Filter 806 MHz
logo
Murata Manufacturing Co...
SF2198E MURATA-SF2198E Datasheet
848Kb / 5P
   806 MHz SAW Filter
logo
RF Monolithics, Inc
SF2198E RFM-SF2198E Datasheet
848Kb / 5P
   806 MHz SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com