Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W2465-10 Datasheet(PDF) 3 Page - Winbond

Part # W2465-10
Description  8K X 8 CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W2465-10 Datasheet(HTML) 3 Page - Winbond

  W2465-10 Datasheet HTML 1Page - Winbond W2465-10 Datasheet HTML 2Page - Winbond W2465-10 Datasheet HTML 3Page - Winbond W2465-10 Datasheet HTML 4Page - Winbond W2465-10 Datasheet HTML 5Page - Winbond W2465-10 Datasheet HTML 6Page - Winbond W2465-10 Datasheet HTML 7Page - Winbond W2465-10 Datasheet HTML 8Page - Winbond W2465-10 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
W2465
Publication Release Date: April 1997
- 3 -
Revision A8
CAPACITANCE
(VDD = 5V, TA = 25
° C, f = 1 MHz)
PARAMETER
SYM.
CONDITIONS
MAX.
UNIT
Input Capacitance
CIN
VIN = 0V
6
pF
Input/Output Capacitance
CI/O
VOUT = 0V
8
pF
Note: These parameters are sampled but not 100% tested.
AC CHARACTERISTICS
AC Test Conditions
PARAMETER
CONDITIONS
Input Pulse Levels
0.6V to 2.4V
Input Rise and Fall Times
5 nS
Input and Output Timing Reference Level
1.5V
Output Load
CL = 100 pF, IOH/IOL = -1 mA/4 mA
AC Test Loads and Waveform
90%
90%
5 nS
10%
5 nS
10%
R1 1000 ohm
5V
OUTPUT
R2
660 ohm
100 pF
Including
Jig and
Scope
2.4V
0.6V
5V
OUTPUT
R1 1000 ohm
5 pF
Including
Jig and
Scope
R2
660 ohm
(For TCLZ1, CLZ2, OLZ, CHZ1, CHZ2, OHZ, WHZ, OW
T
T
T
T
T
T
T
)


Similar Part No. - W2465-10

ManufacturerPart #DatasheetDescription
logo
Winbond
W2465A WINBOND-W2465A Datasheet
207Kb / 9P
   8K X 8 High Speed CMOS Static RAM
W2465A-12 WINBOND-W2465A-12 Datasheet
207Kb / 9P
   8K X 8 High Speed CMOS Static RAM
W2465A-15 WINBOND-W2465A-15 Datasheet
207Kb / 9P
   8K X 8 High Speed CMOS Static RAM
W2465A-20 WINBOND-W2465A-20 Datasheet
207Kb / 9P
   8K X 8 High Speed CMOS Static RAM
W2465AJ-12 WINBOND-W2465AJ-12 Datasheet
207Kb / 9P
   8K X 8 High Speed CMOS Static RAM
More results

Similar Description - W2465-10

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
logo
Renesas Technology Corp
HM-65642 RENESAS-HM-65642 Datasheet
430Kb / 8P
   8K x 8 Asynchronous CMOS Static RAM
May 2002
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
logo
Intersil Corporation
HM1-65642B-883 INTERSIL-HM1-65642B-883 Datasheet
273Kb / 11P
   8K x 8 Asynchronous CMOS Static RAM
HM-65642 INTERSIL-HM-65642 Datasheet
273Kb / 11P
   8K x 8 Asynchronous CMOS Static RAM
logo
Sharp Corporation
LH5164ASH SHARP-LH5164ASH Datasheet
82Kb / 10P
   CMOS 64K (8K x 8) Static RAM
LH5164AVH SHARP-LH5164AVH Datasheet
81Kb / 10P
   CMOS 64K (8K x 8) Static RAM
LH5268A SHARP-LH5268A Datasheet
91Kb / 10P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com