Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W24258Q-55LL Datasheet(PDF) 7 Page - Winbond

Part # W24258Q-55LL
Description  32K X 8 CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24258Q-55LL Datasheet(HTML) 7 Page - Winbond

Back Button W24258Q-55LL Datasheet HTML 2Page - Winbond W24258Q-55LL Datasheet HTML 3Page - Winbond W24258Q-55LL Datasheet HTML 4Page - Winbond W24258Q-55LL Datasheet HTML 5Page - Winbond W24258Q-55LL Datasheet HTML 6Page - Winbond W24258Q-55LL Datasheet HTML 7Page - Winbond W24258Q-55LL Datasheet HTML 8Page - Winbond W24258Q-55LL Datasheet HTML 9Page - Winbond W24258Q-55LL Datasheet HTML 10Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
W24258/LL
Publication Release Date: November 1998
- 7 -
Revision A5
DATA RETENTION CHARACTERISTICS
(TA = 0
° C to 70° C)
PARAMETER
SYM.
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD for Data Retention
VDR
CS
≥ VDD -0.2V
2.0
-
-
V
Data Retention Current
IDDDR
CS
≥ VDD -0.2V, VDD = 3V
-
-
2
µA
Chip Deselect to Data
Retention Time
TCDR
See data retention waveform
0
-
-
nS
Operation Recovery Time
TR
TRC*
-
-
nS
* Read Cycle Time
DATA RETENTION WAVEFORM
TCDR
VDD
VIH
TR
VIH
CS
VDR
2V
=
>
- 0.2V
DD
V
CS =
>
0.9 DD
V
0.9 DD
V
ORDERING INFORMATION
PART NO.
ACCESS
TIME
(nS)
OPERATING
CURRENT MAX.
(
mA)
STANDBY
CURRENT MAX.
(
µA)
PACKAGE
W24258-55LL
55
70
5
600 mil DIP
W24258-70LL
70
60
5
600 mil DIP
W24258S-55LL
55
70
5
330 mil SOP
W24258S-70LL
70
60
5
330 mil SOP
W24258Q-55LL
55
70
5
Standard type one TSOP
W24258Q-70LL
70
60
5
Standard type one TSOP
Notes:
1. Winbond reserves the right to make changes to its products without prior notice.
2. Purchasers are responsible for performing appropriate quality assurance testing on products intended for use in applications
where personal injury might occur as a consequence of product failure.


Similar Part No. - W24258Q-55LL

ManufacturerPart #DatasheetDescription
logo
Winbond
W24258Q-70LE WINBOND-W24258Q-70LE Datasheet
203Kb / 11P
   32K X 8 CMOS STATIC RAM
W24258Q-70LI WINBOND-W24258Q-70LI Datasheet
203Kb / 11P
   32K X 8 CMOS STATIC RAM
More results

Similar Description - W24258Q-55LL

ManufacturerPart #DatasheetDescription
logo
Winbond
W24258 WINBOND-W24258 Datasheet
203Kb / 11P
   32K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH52258A SHARP-LH52258A Datasheet
77Kb / 9P
   CMOS 32K x 8 Static RAM
logo
Mosel Vitelic, Corp
MS62256 MOSEL-MS62256 Datasheet
371Kb / 7P
   32K x 8 CMOS Static RAM
logo
Winbond
W24256 WINBOND-W24256 Datasheet
147Kb / 10P
   32K X 8 CMOS STATIC RAM
logo
STMicroelectronics
MK48256 STMICROELECTRONICS-MK48256 Datasheet
379Kb / 10P
   32K x 8 CMOS STATIC RAM
logo
Winbond
W24257 WINBOND-W24257 Datasheet
106Kb / 10P
   32K X 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
logo
Sharp Corporation
LH52256C SHARP-LH52256C Datasheet
97Kb / 11P
   CMOS 256K (32K x 8) Static RAM
LH51256L SHARP-LH51256L Datasheet
430Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
LH52B256 SHARP-LH52B256 Datasheet
469Kb / 11P
   CMOS 256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com