Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDT63A Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BDT63A
Description  SILICON DARLINGTON POWER TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDT63A Datasheet(HTML) 3 Page - Comset Semiconductor

  BDT63A Datasheet HTML 1Page - Comset Semiconductor BDT63A Datasheet HTML 2Page - Comset Semiconductor BDT63A Datasheet HTML 3Page - Comset Semiconductor BDT63A Datasheet HTML 4Page - Comset Semiconductor BDT63A Datasheet HTML 5Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BDT63-A-B-C
26/09/2012
COMSET SEMICONDUCTORS
3 | 5
SEMICONDUCTORS
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector Cutoff
Current
IE= 0, VCB = VCBOmax
BDT63
-
-
0.2
mA
BDT63A
BDT63B
BDT63C
IE= 0, VCB =1/2
VCBOmax
TJ= 150 °C
BDT63
-
-
2
mA
BDT63A
BDT63B
BDT63C
ICEO
Collector Cutoff
Current
IE= 0, VCE = 1/2
VCEOmax
BDT63
-
-
0.5
mA
BDT63A
BDT63B
BDT63C
IEBO
Emitter Cutoff
Current
VEB= 5 V, IC= 0
BDT63
-
-
5.0
mA
BDT63A
BDT63B
BDT63C
VCEO
Collector-Emitter
Breakdown Voltage
IC= 30 mA, IB= 0
BDT63
60
-
-
V
BDT63A
80
-
-
BDT63B
100
-
-
BDT63C
120
-
-
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC= 3 A, IB= 12 mA
BDT63
-
-
2
V
BDT63A
BDT63B
BDT63C
IC= 8 A, IB=80 mA
BDT63
-
-
2.5
BDT63A
BDT63B
BDT63C


Similar Part No. - BDT63A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT63A ISC-BDT63A Datasheet
120Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
New Jersey Semi-Conduct...
BDT63A NJSEMI-BDT63A Datasheet
136Kb / 2P
   Silicon NPN Darlington Power Transistor
More results

Similar Description - BDT63A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD684 ETC-BD684 Datasheet
192Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
logo
NXP Semiconductors
BDT64 PHILIPS-BDT64 Datasheet
487Kb / 15P
   SILICON DARLINGTON POWER TRANSISTORS
August 1988
logo
Comset Semiconductor
BD643 COMSET-BD643 Datasheet
336Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
BD644 COMSET-BD644 Datasheet
369Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
TIP105 COMSET-TIP105 Datasheet
102Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
TIP115 COMSET-TIP115 Datasheet
102Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
TIP120 COMSET-TIP120 Datasheet
103Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
2N6667 ONSEMI-2N6667_07 Datasheet
102Kb / 6P
   Darlington Silicon Power Transistors
November, 2007 - Rev. 6
logo
Comset Semiconductor
BU806 COMSET-BU806 Datasheet
101Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
TIP130 COMSET-TIP130 Datasheet
100Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com