Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W24258 Datasheet(PDF) 10 Page - Winbond

Part # W24258
Description  32K X 8 CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24258 Datasheet(HTML) 10 Page - Winbond

Back Button W24258 Datasheet HTML 3Page - Winbond W24258 Datasheet HTML 4Page - Winbond W24258 Datasheet HTML 5Page - Winbond W24258 Datasheet HTML 6Page - Winbond W24258 Datasheet HTML 7Page - Winbond W24258 Datasheet HTML 8Page - Winbond W24258 Datasheet HTML 9Page - Winbond W24258 Datasheet HTML 10Page - Winbond W24258 Datasheet HTML 11Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
W24258
- 10 -
Package Dimensions, continued
28-pin Standard Type One TSOP
A
A
A
2
1
L
L1
Y
c
E
H
D
D
b
e
Controlling dimension: Millimeters
Min.
Dimension In Inches
Nom.
Max.
Min.
Nom.
Max.
Symbol
1.20
0.05
0.15
1.05
1.00
0.95
0.17
0.10
11.70
7.90
13.20
0.50
0.00
0
0.20
0.27
0.15
0.21
11.80
11.90
8.00
8.10
13.40
13.60
0.55
0.60
0.70
0.25
0.10
3
5
0.047
0.006
0.041
0.040
0.035
0.007
0.008
0.011
0.004
0.006
0.008
0.461
0.465
0.469
0.311
0.315
0.319
0.520
0.528
0.536
0.022
0.020
0.024
0.028
0.010
0.000
0.004
0
3
5
0.002
A
A
b
c
D
E
e
L
L
Y
1
1
2
A
H D
θ
Dimension In mm
θ
1


Similar Part No. - W24258

ManufacturerPart #DatasheetDescription
logo
Winbond
W24258-55LL WINBOND-W24258-55LL Datasheet
185Kb / 10P
   32K X 8 CMOS STATIC RAM
W24258-70LL WINBOND-W24258-70LL Datasheet
185Kb / 10P
   32K X 8 CMOS STATIC RAM
W24258-LL WINBOND-W24258-LL Datasheet
185Kb / 10P
   32K X 8 CMOS STATIC RAM
W24258Q-55LL WINBOND-W24258Q-55LL Datasheet
185Kb / 10P
   32K X 8 CMOS STATIC RAM
W24258Q-70LL WINBOND-W24258Q-70LL Datasheet
185Kb / 10P
   32K X 8 CMOS STATIC RAM
More results

Similar Description - W24258

ManufacturerPart #DatasheetDescription
logo
Winbond
W24258-LL WINBOND-W24258-LL Datasheet
185Kb / 10P
   32K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH52258A SHARP-LH52258A Datasheet
77Kb / 9P
   CMOS 32K x 8 Static RAM
logo
Mosel Vitelic, Corp
MS62256 MOSEL-MS62256 Datasheet
371Kb / 7P
   32K x 8 CMOS Static RAM
logo
Winbond
W24256 WINBOND-W24256 Datasheet
147Kb / 10P
   32K X 8 CMOS STATIC RAM
logo
STMicroelectronics
MK48256 STMICROELECTRONICS-MK48256 Datasheet
379Kb / 10P
   32K x 8 CMOS STATIC RAM
logo
Winbond
W24257 WINBOND-W24257 Datasheet
106Kb / 10P
   32K X 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
logo
Sharp Corporation
LH52256C SHARP-LH52256C Datasheet
97Kb / 11P
   CMOS 256K (32K x 8) Static RAM
LH51256L SHARP-LH51256L Datasheet
430Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
LH52B256 SHARP-LH52B256 Datasheet
469Kb / 11P
   CMOS 256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com