Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W24129AK-12 Datasheet(PDF) 4 Page - Winbond

Part # W24129AK-12
Description  16K X 8 HIGH-SPEED CMOS STATIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24129AK-12 Datasheet(HTML) 4 Page - Winbond

  W24129AK-12 Datasheet HTML 1Page - Winbond W24129AK-12 Datasheet HTML 2Page - Winbond W24129AK-12 Datasheet HTML 3Page - Winbond W24129AK-12 Datasheet HTML 4Page - Winbond W24129AK-12 Datasheet HTML 5Page - Winbond W24129AK-12 Datasheet HTML 6Page - Winbond W24129AK-12 Datasheet HTML 7Page - Winbond W24129AK-12 Datasheet HTML 8Page - Winbond W24129AK-12 Datasheet HTML 9Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
W24129A
- 4 -
AC CHARACTERISTICS
(VDD = 5V
±5%, VSS = 0V, TA = 0 to 70° C)
Read Cycle
PARAMETER
SYM.
W24129A-12
W24129A-15
UNIT
MIN.
MAX.
MIN.
MAX.
Read Cycle Time
TRC
12
-
15
-
nS
Address Access Time
TAA
-
12
-
15
nS
Chip Select Access Time
TACS
-
12
-
15
nS
Output Enable to Output Valid
TAOE
-
6
-
7
nS
Chip Selection to Output in Low Z
TCLZ∗
3
-
3
-
nS
Output Enable to Output in Low Z
TOLZ∗
0
-
0
-
nS
Chip Deselection to Output in High Z
TCHZ∗
-
6
-
7
nS
Output Disable to Output in High Z
TOHZ∗
-
6
-
7
nS
Output Hold from Address Change
TOH
3
-
3
-
nS
These parameters are sampled but not 100% tested.
Write Cycle
PARAMETER
SYM.
W24129A-12
W24129A-15
UNIT
MIN.
MAX.
MIN.
MAX.
Write Cycle Time
TWC
12
-
15
-
nS
Chip Selection to End of Write
TCW
10
-
13
-
nS
Address Valid to End of Write
TAW
10
-
13
-
nS
Address Setup Time
TAS
0
-
0
-
nS
Write Pulse Width
TWP
10
-
10
-
nS
Write Recovery Time
CS, WE
TWR
0
-
0
-
nS
Data Valid to End of Write
TDW
7
-
9
-
nS
Data Hold from End of Write
TDH
0
-
0
-
nS
Write to Output in High Z
TWHZ∗
-
7
-
8
nS
Output Disable to Output in High Z
TOHZ∗
-
7
-
8
nS
Output Active from End of Write
TOW
0
-
0
-
nS
These parameters are sampled but not 100% tested.


Similar Part No. - W24129AK-12

ManufacturerPart #DatasheetDescription
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
W24100-70L WINBOND-W24100-70L Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
W24100-70LL WINBOND-W24100-70LL Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
W24100Q-70L WINBOND-W24100Q-70L Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
W24100Q-70LL WINBOND-W24100Q-70LL Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
More results

Similar Description - W24129AK-12

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C67 ISSI-IS61C67 Datasheet
346Kb / 8P
   16K X 1 HIGH SPEED CMOS STATIC RAM
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
   CMOS 16K (2K x 8) Static RAM
logo
Integrated Device Techn...
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S Datasheet
263Kb / 20P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT70V06S IDT-IDT70V06S Datasheet
171Kb / 22P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V06 RENESAS-70V06 Datasheet
305Kb / 24P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
Feb.07.20
logo
Integrated Device Techn...
IDT70V06S IDT-IDT70V06S_15 Datasheet
682Kb / 23P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com