Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W24100S-70LL Datasheet(PDF) 7 Page - Winbond

Part # W24100S-70LL
Description  128K X 8 CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24100S-70LL Datasheet(HTML) 7 Page - Winbond

Back Button W24100S-70LL Datasheet HTML 3Page - Winbond W24100S-70LL Datasheet HTML 4Page - Winbond W24100S-70LL Datasheet HTML 5Page - Winbond W24100S-70LL Datasheet HTML 6Page - Winbond W24100S-70LL Datasheet HTML 7Page - Winbond W24100S-70LL Datasheet HTML 8Page - Winbond W24100S-70LL Datasheet HTML 9Page - Winbond W24100S-70LL Datasheet HTML 10Page - Winbond W24100S-70LL Datasheet HTML 11Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Preliminary W24100
Publication Release Date: October 1999
- 7 -
Revision A1
DATA RETENTION CHARACTERISTICS
(TA = 0
° C to 70° C)
PARAMETER
SYM.
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD for Data Retention
VDR
CS
≥ VDD -0.2V
2.0
-
-
V
Data Retention Current
IDDDR
CS
≥ VDD -0.2V, VDD = 3V
-
-
50
µA
Chip Deselect to Data
Retention Time
TCDR
See data retention waveform
0
-
-
nS
Operation Recovery Time
TR
TRC*
-
-
nS
* Read Cycle Time
DATA RETENTION WAVEFORM
TCDR
- 0.2V
DD
V
VDD
CS
TR
CS1
VDR
2V
=
>
=
>
0.9 DD
V
0.9
DD
V
CS2


Similar Part No. - W24100S-70LL

ManufacturerPart #DatasheetDescription
logo
Winbond
W241024A WINBOND-W241024A Datasheet
163Kb / 11P
   128L X 8 HIGH SPEED CMOS STATIC RAM
W241024AI-12 WINBOND-W241024AI-12 Datasheet
163Kb / 11P
   128L X 8 HIGH SPEED CMOS STATIC RAM
W241024AI-15 WINBOND-W241024AI-15 Datasheet
163Kb / 11P
   128L X 8 HIGH SPEED CMOS STATIC RAM
W241024AI-20 WINBOND-W241024AI-20 Datasheet
163Kb / 11P
   128L X 8 HIGH SPEED CMOS STATIC RAM
W241024AJ-12 WINBOND-W241024AJ-12 Datasheet
163Kb / 11P
   128L X 8 HIGH SPEED CMOS STATIC RAM
More results

Similar Description - W24100S-70LL

ManufacturerPart #DatasheetDescription
logo
Winbond
W24L01 WINBOND-W24L01 Datasheet
182Kb / 11P
   128K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH51BV1000J SHARP-LH51BV1000J Datasheet
77Kb / 11P
   CMOS 1M (128K x 8) Static Ram
LH52D1000 SHARP-LH52D1000 Datasheet
81Kb / 12P
   CMOS 1M (128K x 8) Static Ram
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com