Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPX2NA-67MS67MS-34B-01 Datasheet(PDF) 3 Page - ITT Industries

Part # DPX2NA-67MS67MS-34B-01
Description  Cannon Rack & Panel Connectors
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DPX2NA-67MS67MS-34B-01 Datasheet(HTML) 3 Page - ITT Industries

  DPX2NA-67MS67MS-34B-01 Datasheet HTML 1Page - ITT Industries DPX2NA-67MS67MS-34B-01 Datasheet HTML 2Page - ITT Industries DPX2NA-67MS67MS-34B-01 Datasheet HTML 3Page - ITT Industries DPX2NA-67MS67MS-34B-01 Datasheet HTML 4Page - ITT Industries DPX2NA-67MS67MS-34B-01 Datasheet HTML 5Page - ITT Industries DPX2NA-67MS67MS-34B-01 Datasheet HTML 6Page - ITT Industries DPX2NA-67MS67MS-34B-01 Datasheet HTML 7Page - ITT Industries DPX2NA-67MS67MS-34B-01 Datasheet HTML 8Page - ITT Industries DPX2NA-67MS67MS-34B-01 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 120 page
background image
3
www.ittcannon.com
Cannon Rack and Panel
BKAD/E/F
ARINC 600
SGA
ARINC 600
DPXNE/NA
MIL-C-81659
DPX
ARINC 404
DPK
MIL-C-83733
DPA
Type
Plug and Socket
Plug and Socket
Plug and Socket
Plug and Socket
Plug and Socket
Plug and Socket
Current Rating
see ARINC 600
see ARINC 600
MIL-C-39029
MIL-C-39029
MIL-C-39029
MIL-C-39029
Contact Resistance
MIL-C-39029
MIL-C-39029
MIL-C-39029
MIL-C-39029
MIL-C-39029
MIL-C-39029
Contact
Material
MIL-C-39029
MIL-C-39029
MIL-C-39029
MIL-C-39029
MIL-C-39029
MIL-C-39029
Shell
see ARINC 600
see ARINC 600
MIL-C-81659
various
MIL-C-83733
Shell Material
Aluminum Alloy
Aluminum Alloy
Aluminum Alloy
Aluminum Alloy
Aluminum Alloy
Aluminum Alloy
RoHS
******
Space Applications
No
No
No
No
Yes
No
Page Number
4
23
27
43
77
94
* RoHS compatible connectors are available upon request see “How to Order”guides for specific call outs for each product line.
** Note MIL-C-81659, MIL-C-83733 and MIL-C-39029, the US Government no longer maintains these documents, various standards agencies have assumed the role of main-
taining these standards however, there can be differences in these “commercial” versions. ITT recommends for technical definitions of its products the last active versions of MIL
documents be used.
Introduction. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Product Overview Guide. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
BKAD/E/F (ARINC 600) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
SGA (ARINC 600). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
DPXNE/NA (MIL-C-81659) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
DPX
(ARINC 404) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
DPXA/DPXB/DPX*MA/DPX*ME
DPX2/DPX2MA/DPX2ME
DPX3/DPX3MA/DPX3ME/DPX4/DPX4MA/DPX4ME
DPK (MIL-C-83733) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
DPA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 94
DPGM/DPJM/DPJMB
DPD/DPDMA/DPD2/DPD2MA


Similar Part No. - DPX2NA-67MS67MS-34B-01

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPX2NA-67MSAW8P33A-00 ITT-DPX2NA-67MSAW8P33A-00 Datasheet
492Kb / 16P
   Rack and Panel Connectors
DPX2NA-67MSAW8P33A-01 ITT-DPX2NA-67MSAW8P33A-01 Datasheet
492Kb / 16P
   Rack and Panel Connectors
DPX2NA-67MSAW8P33A-02 ITT-DPX2NA-67MSAW8P33A-02 Datasheet
492Kb / 16P
   Rack and Panel Connectors
DPX2NA-67MSAW8P33A-03 ITT-DPX2NA-67MSAW8P33A-03 Datasheet
492Kb / 16P
   Rack and Panel Connectors
DPX2NA-67MSAW8P33A-17 ITT-DPX2NA-67MSAW8P33A-17 Datasheet
492Kb / 16P
   Rack and Panel Connectors
More results

Similar Description - DPX2NA-67MS67MS-34B-01

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com