Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1772230000 Datasheet(PDF) 9 Page - Weidmuller

Part # 1772230000
Description  Cable glands
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1772230000 Datasheet(HTML) 9 Page - Weidmuller

Back Button 1772230000 Datasheet HTML 5Page - Weidmuller 1772230000 Datasheet HTML 6Page - Weidmuller 1772230000 Datasheet HTML 7Page - Weidmuller 1772230000 Datasheet HTML 8Page - Weidmuller 1772230000 Datasheet HTML 9Page - Weidmuller 1772230000 Datasheet HTML 10Page - Weidmuller 1772230000 Datasheet HTML 11Page - Weidmuller 1772230000 Datasheet HTML 12Page - Weidmuller 1772230000 Datasheet HTML 13Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Cable glands
52
Ordering data
Type
Thread
Clamp range
L
L1
SW
Qty.
Cat. No.
Metric plastic cable glands for EExe-areas
VG M 16-Exe SW M 16 x 1.5
5.0 - 8.0
34
12
19
50
1737280000
VG M 20-Exe SW M 20 x 1.5
8.0 - 13.0
35
12
24
50
1737290000
VG M 25-Exe SW M 25 x 1.5
13.0 - 19.0
42
13
32
25
1737300000
VG M 32-Exe SW M 32 x 1.5
17.0 - 25.0
44
15
41
20
1737310000
VG M 40-Exe SW M 40 x 1.5
24.0 - 32.0
50
15
52
10
1737320000
VG M 50-Exe SW M 50 x 1.5
29.0 - 38.0
56
16
59
5
1737330000
VG M 63-Exe SW M 63 x 1.5
36.0 - 44.0
58
16
65
5
1737340000
PG plastic cable glands for EExe-areas
VG 7-Exe SW
PG 7
3.5 - 6.0
27
9
15
50
1569360000
VG 9-Exe SW
PG 9
5.0 - 8.0
31
9
19
50
1490500000
VG 11-Exe SW
PG 11
6.0 - 10.0
31
9
22
50
1490600000
VG 13.5-Exe SW
PG 13.5
8.0 - 13.0
33
10
24
50
1490700000
VG 16-Exe SW
PG 16
10.0 - 15.0
33
10
26
25
1490800000
VG 21-Exe SW
PG 21
13.0 - 19.0
40
11
32
20
1490900000
VG 29-Exe SW
PG 29
17.0 - 25.0
41
12
41
20
1491000000
VG 36-Exe SW
PG 36
24.0 - 32.0
49
14
52
10
1491100000
VG 42-Exe SW
PG 42
28.0 - 38.0
56
16
59
10
1491200000
VG 48-Exe SW
PG 48
34.0 - 44.0
60
16
65
5
1718970000
all sizes in mm
Technical data
Material:
Polyamide
Sealing:
Santoprene
Temperature:
-40°C ... +90°C
Protection class:
IP66 (with thread sealing ring)
Type GWDR ...-NP = IP68/5 bar)
ATEX available
Colour:
similar Black RAL 9005
For use in hazardous areas (EEX e II). These cable glands are
tested for higher safety specifications with certified conformity to
approvals LCIE 97ATEX6007X.
The clamping profile serves as an internal strain relief.
The sealing ring is constructed with a membrane against dust,
which can be easily pierced.
Ordering data
Type
Thread
Clamp range
L
L1
SW
Qty.
Cat. No.
PG plastic cable glands for EExi-areas
VG M 16-Exi BL
M 16 x 1.5
5.0 - 8.0
34
12
19
50
1737350000
VG M 20-Exi BL
M 20 x 1.5
8.0 - 13.0
35
12
24
50
1737360000
VG M 25-Exi BL
M 25 x 1.5
13.0 - 19.0
42
13
32
25
1737370000
VG M 32-Exi BL
M 32 x 1.5
17.0 - 25.0
44
15
41
20
1737380000
VG M 40-Exi BL
M 40 x 1.5
24.0 - 32.0
50
15
52
10
1737390000
VG M 50-Exi BL
M 50 x 1.5
29.0 - 38.0
56
16
59
5
1737400000
VG M 63-Exi BL
M 63 x 1.5
36.0 - 44.0
58
16
67/65
5
1737410000
PG plastic cable glands for EExi-areas
VG 7-Exi BL
PG 7
3.5 - 6.0
27
9
15
50
1569370000
VG 9-Exi BL
PG 9
5.0 - 8.0
31
9
19
50
1491300000
VG 11-Exi BL
PG 11
6.0 - 10.0
31
9
22
50
1491400000
VG 13.5-Exi BL
PG 13.5
8.0 - 13.0
33
10
24
50
1491500000
VG 16-Exi BL
PG 16
10.0 - 15.0
33
10
26
25
1491600000
VG 21-Exi BL
PG 21
13.0 - 19.0
40
11
32
20
1491700000
VG 29-Exi BL
PG 29
17.0 - 25.0
41
12
41
20
1491800000
VG 36-Exi BL
PG 36
24.0 - 32.0
49
14
52
10
1491900000
VG 42-Exi BL
PG 42
28.0 - 38.0
56
16
59
10
1492000000
VG 48-Exi BL
PG 48
34.0 - 44.0
60
16
65
5
1718980000
all sizes in mm
Technical data
Material:
Polyamide
Sealing:
Santoprene
Temperature:
-40°C ... +90°C
Protection class:
IP66 (with thread sealing ring)
Type GWDR ...-NP = IP68/5 bar)
ATEX granted
Colour:
similar Blue RAL 5012
For use in explosion endangered areas (EEX i). These cable
glands are tested for higher safety specifications with certified
conformity to approvals LCIE 97ATEX6007X. The clamping
profile is used as an internal strain relief. The sealing ring is con-
structed with a membrane against dust, which can be easily
pierced.
Plastic cable glands for EExe-areas
Plastic cable glands for EExi-areas
T
L
L1
L
L1
T


Similar Part No. - 1772230000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1772230 PHOENIX-1772230 Datasheet
142Kb / 5P
   HC-D 7-EBUC
More results

Similar Description - 1772230000

ManufacturerPart #DatasheetDescription
logo
SAB North America
CG300 SAB-CG300 Datasheet
169Kb / 1P
   Metal Cable Glands
CG300PG SAB-CG300PG Datasheet
168Kb / 1P
   Metal Cable Glands
CGEMC-4 SAB-CGEMC-4 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
logo
Richco, Inc.
CG-NPT RICHCO-CG-NPT Datasheet
78Kb / 1P
   CABLE GLANDS - NPT TYPE
logo
SAB North America
CG300NPT SAB-CG300NPT Datasheet
166Kb / 1P
   Metal Cable Glands
CGEMC-2 SAB-CGEMC-2 Datasheet
192Kb / 1P
   EMC Grounding Cable Glands
logo
Richco, Inc.
CG-PG RICHCO-CG-PG Datasheet
79Kb / 1P
   CABLE GLANDS - PG TYPE
logo
SAB North America
CGEMC-2PG SAB-CGEMC-2PG Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
logo
ABB
STE ABB-STE Datasheet
484Kb / 2P
   ABB cable glands ??STE Star Teck짰 extreme series
logo
PHOENIX CONTACT
2316190 PHOENIX-2316190 Datasheet
58Kb / 3P
   Cable glands, plugs, and breather must be ordered separately
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com