Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W24256 Datasheet(PDF) 7 Page - Winbond

Part # W24256
Description  32K X 8 CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24256 Datasheet(HTML) 7 Page - Winbond

Back Button W24256 Datasheet HTML 2Page - Winbond W24256 Datasheet HTML 3Page - Winbond W24256 Datasheet HTML 4Page - Winbond W24256 Datasheet HTML 5Page - Winbond W24256 Datasheet HTML 6Page - Winbond W24256 Datasheet HTML 7Page - Winbond W24256 Datasheet HTML 8Page - Winbond W24256 Datasheet HTML 9Page - Winbond W24256 Datasheet HTML 10Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Preliminary W24256
Publication Release Date: October 1999
- 7 -
Revision A1
DATA RETENTION CHARACTERISTICS
(TA = 0
° C to 70° C)
PARAMETER
SYM.
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD for Data Retention
VDR
CS
≥ VDD -0.2V
2.0
-
5.5
V
Data Retention Current
IDDDR
CS
≥ VDD -0.2V, VDD = 3V
-
-
20
µA
Chip Deselect to Data
Retention Time
TCDR
See data retention waveform
0
-
-
nS
Operation Recovery Time
TR
TRC*
-
-
nS
* Read Cycle Time
DATA RETENTION WAVEFORM
TCDR
VDD
VIH
TR
VIH
CS
VDR
2V
=
>
- 0.2V
DD
V
CS =
>
0.9 DD
V
0.9 DD
V
ORDERING INFORMATION
PART NO.
ACCESS
TIME
(nS)
OPERATING
CURRENT MAX.
(
mA)
STANDBY
CURRENT MAX.
(
µA)
PACKAGE
W24256-70L
70
60
100
600 mil DIP
W24256-70LL
70
60
50
600 mil DIP
W24256S-70L
70
60
100
330 mil SOP
W24256S-70LL
70
60
50
330 mil SOP
W24256Q-70L
70
60
100
Standard type one TSOP
W24256Q-70LL
70
60
50
Standard type one TSOP
Notes:
1. Winbond reserves the right to make changes to its products without prior notice.
2. Purchasers are responsible for performing appropriate quality assurance testing on products intended for use in applications
where personal injury might occur as a consequence of product failure.


Similar Part No. - W24256

ManufacturerPart #DatasheetDescription
logo
Winbond
W24257 WINBOND-W24257 Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257 WINBOND-W24257 Datasheet
106Kb / 10P
   32K X 8 CMOS STATIC RAM
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257A-10 WINBOND-W24257A-10 Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257A-12 WINBOND-W24257A-12 Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
More results

Similar Description - W24256

ManufacturerPart #DatasheetDescription
logo
Winbond
W24258-LL WINBOND-W24258-LL Datasheet
185Kb / 10P
   32K X 8 CMOS STATIC RAM
W24258 WINBOND-W24258 Datasheet
203Kb / 11P
   32K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH52258A SHARP-LH52258A Datasheet
77Kb / 9P
   CMOS 32K x 8 Static RAM
logo
Mosel Vitelic, Corp
MS62256 MOSEL-MS62256 Datasheet
371Kb / 7P
   32K x 8 CMOS Static RAM
logo
STMicroelectronics
MK48256 STMICROELECTRONICS-MK48256 Datasheet
379Kb / 10P
   32K x 8 CMOS STATIC RAM
logo
Winbond
W24257 WINBOND-W24257 Datasheet
106Kb / 10P
   32K X 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
logo
Sharp Corporation
LH52256C SHARP-LH52256C Datasheet
97Kb / 11P
   CMOS 256K (32K x 8) Static RAM
LH51256L SHARP-LH51256L Datasheet
430Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
LH52B256 SHARP-LH52B256 Datasheet
469Kb / 11P
   CMOS 256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com