Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W24100-70L Datasheet(PDF) 10 Page - Winbond

Part # W24100-70L
Description  128K X 8 CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24100-70L Datasheet(HTML) 10 Page - Winbond

Back Button W24100-70L Datasheet HTML 3Page - Winbond W24100-70L Datasheet HTML 4Page - Winbond W24100-70L Datasheet HTML 5Page - Winbond W24100-70L Datasheet HTML 6Page - Winbond W24100-70L Datasheet HTML 7Page - Winbond W24100-70L Datasheet HTML 8Page - Winbond W24100-70L Datasheet HTML 9Page - Winbond W24100-70L Datasheet HTML 10Page - Winbond W24100-70L Datasheet HTML 11Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Preliminary W24100
- 10 -
Package Dimensions, continued
32-pin Standard Type One TSOP
A
A
A
2
1
L
L1
Y
c
E
H
D
D
b
e
M
0.10(0.004)
θ
Min.
Nom.
Max.
Min.
Nom.
Max.
Symbol
A
A
b
c
D
E
e
L
L
Y
1
1
2
A
H D
Controlling dimension: Millimeters
Dimension in Inches
0.047
0.006
0.041
0.039
0.037
0.007
0.008
0.009
0.005 0.006
0.007
0.720
0.724
0.728
0.311
0.315
0.319
0.780
0.787
0.795
0.020
0.016
0.020
0.024
0.031
0.000
0.004
1
3
5
0.002
1.20
0.05
0.15
1.05
1.00
0.95
0.17
0.12
18.30
7.90
19.80
0.40
0.00
1
0.20
0.23
0.15
0.17
18.40
18.50
8.00
8.10
20.00
20.20
0.50
0.50
0.60
0.80
0.10
3
5
Dimension in mm
θ
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
1
32-pin Small Type One TSOP
A
A
A
2
1
L
L1
Y
c
E
H
D
D
b
e
1
Controlling dimension: Millimeters
Min.
Dimension in mm
Nom. Max.
Min.
Nom.
Max.
Symbol
A
A
b
c
D
E
e
L
L
Y
1
1
2
A
H D
11.70
13.20
0.675
1.25
0.05
0.15
1.05
1.00
0.95
0.17
0.14
0.30
0.00
0.20
0.27
0.15
0.16
11.80
11.90
13.40 13.60
0.50
0.50
0.70
0.10
0.049
0.006
0.041
0.039
0.037
0.007
0.008
0.009
0.0056 0.0059 0.0062
0.461
0.465 0.469
7.90
8.00
8.10
0.311 0.315 0.319
0.520
0.528 0.536
0.020
0.012
0.020 0.028
0.027
0.000
0.004
0
3
5
0
3
5
0.002
θ
Dimension in Inches
θ


Similar Part No. - W24100-70L

ManufacturerPart #DatasheetDescription
logo
Winbond
W241024A WINBOND-W241024A Datasheet
163Kb / 11P
   128L X 8 HIGH SPEED CMOS STATIC RAM
W241024AI-12 WINBOND-W241024AI-12 Datasheet
163Kb / 11P
   128L X 8 HIGH SPEED CMOS STATIC RAM
W241024AI-15 WINBOND-W241024AI-15 Datasheet
163Kb / 11P
   128L X 8 HIGH SPEED CMOS STATIC RAM
W241024AI-20 WINBOND-W241024AI-20 Datasheet
163Kb / 11P
   128L X 8 HIGH SPEED CMOS STATIC RAM
W241024AJ-12 WINBOND-W241024AJ-12 Datasheet
163Kb / 11P
   128L X 8 HIGH SPEED CMOS STATIC RAM
More results

Similar Description - W24100-70L

ManufacturerPart #DatasheetDescription
logo
Winbond
W24L01 WINBOND-W24L01 Datasheet
182Kb / 11P
   128K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH51BV1000J SHARP-LH51BV1000J Datasheet
77Kb / 11P
   CMOS 1M (128K x 8) Static Ram
LH52D1000 SHARP-LH52D1000 Datasheet
81Kb / 12P
   CMOS 1M (128K x 8) Static Ram
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com