Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I5216E Datasheet(PDF) 8 Page - Winbond

Part # I5216E
Description  8 TO 16 MINUTE VOICE RECORD/PLAYBACK SYSTEM WITH INTEGRATED CODEC
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

I5216E Datasheet(HTML) 8 Page - Winbond

Back Button I5216E Datasheet HTML 4Page - Winbond I5216E Datasheet HTML 5Page - Winbond I5216E Datasheet HTML 6Page - Winbond I5216E Datasheet HTML 7Page - Winbond I5216E Datasheet HTML 8Page - Winbond I5216E Datasheet HTML 9Page - Winbond I5216E Datasheet HTML 10Page - Winbond I5216E Datasheet HTML 11Page - Winbond I5216E Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 83 page
background image
I5216 SERIES
Advanced Information
PRELIMINARY
Publication Release Date: November 30, 2001
-8
Revision A1
FUNCTIONAL DESCRIPTION
The I5216 ChipCorder Product provides high quality, fully integrated, single-chip Record/Playback
solutions for 8- to 16-minute messaging applications that are ideal for use in PBX systems, cellular
phones, automotive communications, GPS/navigation systems, and other portable products. The I5216
product is an enhancement to the ISD5116 architecture, providing: 1) A full duplex Voice CODEC with
µ-Law and A-Law compander, with I2S and PCM interface ports; 2) A 2.2V microphone bias supply for
reduced noise coupling. This supply can also be used to power down the external microphone with the
system.
Analog functions and audio gating have also been integrated into the I5216 product to allow for easy
interfacing with integrated chip sets on the market. Audio paths have been designed to enable full
duplex conversation record, voice memo and answering machine (including outgoing message
playback).
Logic Interface Options of 2.0V and 3.0V are supported by the I5216 to accommodate both portable
communication (2.0- and 3.0-volt required) and automotive product customers (5.0-volt required).
Like other ChipCorder products, the I5216 integrates the sampling clock, anti-aliasing and smoothing
filters, and multi-level storage array on a single chip. For enhanced voice features, the I5216 eliminates
external circuitry by integrating automatic gain control (AGC), a power amplifier/speaker driver, volume
control, summing amplifiers, analog switches, and a Voice CODEC. Input level adjustable amplifiers
are also included, providing a flexible interface for multiple applications.
Recordings are stored in on-chip nonvolatile memory cells, providing zero-power message storage.
This unique, single-chip solution is made possible through Winbond’s patented multilevel storage
technology. Voice and audio signals are stored directly into solid-state memory in their natural,
uncompressed form, providing superior quality voice and music reproduction.
SPEECH/SOUND QUALITY
The I5216 ChipCorder product can be configured, via software, to operate at 4.0, 5.3, 6.4, and 8.0 kHz
sampling frequencies, allowing the user a choice of speech quality options. Increasing the duration
decreases the sampling frequency and bandwidth, which affects sound quality. The "Input Sample
Duration" table below compares filter pass band and product durations.
DURATION
To meet end-system requirements, the I5216 device is a single-chip solution, which provides 8 to 16
minutes of voice record and playback, depending on the sample rates defined by the customer's
software.
INPUT SAMPLE RATE TO DURATION INPUT SAMPLE
Rate (kHz)
Duration
1
(Minutes)
Typical Filter Pass Band (kHz)
8.0
8 min 3 sec
3.7
6.4
10 min 4 sec
2.9
5.3
12 min 9 sec
2.5
4.0
16 min 6 sec
1.8
1.
Minus any pages selected for digital storage
O


Similar Part No. - I5216E

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
I5216EYI NUVOTON-I5216EYI Datasheet
2Mb / 76P
   8 to 16 minutes voice record/playback device with integrated codec
More results

Similar Description - I5216E

ManufacturerPart #DatasheetDescription
logo
Winbond
ISD5216 WINBOND-ISD5216 Datasheet
592Kb / 75P
   8 to 16 minutes voice record/playback device with integrated codec
logo
Nuvoton Technology Corp...
ISD5216 NUVOTON-ISD5216 Datasheet
2Mb / 76P
   8 to 16 minutes voice record/playback device with integrated codec
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Winbond
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
   Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
ISD5116 WINBOND-ISD5116 Datasheet
735Kb / 57P
   Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
logo
Nuvoton Technology Corp...
ISD4004 NUVOTON-ISD4004 Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
logo
List of Unclassifed Man...
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
logo
Aplus Intergrated Circu...
APR6016 APLUS-APR6016 Datasheet
1Mb / 24P
   Voice Recording & Playback Device 16 Minute Duration
logo
List of Unclassifed Man...
ISD5008 ETC-ISD5008 Datasheet
1Mb / 47P
   SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
UT53108 ETC-UT53108 Datasheet
123Kb / 9P
   VOICE RECORD PLAYBACK IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com