Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1772560000 Datasheet(PDF) 7 Page - Weidmuller

Part # 1772560000
Description  Cable glands
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1772560000 Datasheet(HTML) 7 Page - Weidmuller

Back Button 1772560000 Datasheet HTML 3Page - Weidmuller 1772560000 Datasheet HTML 4Page - Weidmuller 1772560000 Datasheet HTML 5Page - Weidmuller 1772560000 Datasheet HTML 6Page - Weidmuller 1772560000 Datasheet HTML 7Page - Weidmuller 1772560000 Datasheet HTML 8Page - Weidmuller 1772560000 Datasheet HTML 9Page - Weidmuller 1772560000 Datasheet HTML 10Page - Weidmuller 1772560000 Datasheet HTML 11Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Cable glands
50
Plastic cable glands with bending protection
Cable glands brass with bending protection
Cable gland with bending protection and internal strain
relief.Clamping profile made of Hostaform C.
Cable gland with bending protection and internal strain relief.
Without external strain relief clamp. Clamping profile made of
Hostaform C.
Technical data
Material:
Polyamide, glass fibre reinforced
Sealing:
Soft rubber
Temperature:
-10°C...+80°C
Protection class:
IP 65
Colour:
similar Grey RAL 7035
Technical data
Material:
Nickel plated brass
Sealing:
Soft rubber
Temperature:
-10°C...+80°C
Protection class:
IP 65
Ordering data
Type
Thread
Clamp range
L
L1
SW
Qty.
Cat. No.
Metric KV cable gland plastic bending protection
VGM12-K65 BS
M 12 x 1.5
6.0 - 8.0
40
11
19
50
1778750000
VGM16-K65 BS
M 16 x 1.5
6.0 - 8.0
40
11
19
50
1778760000
VGM20-K65 BS
M 20 x 1.5
8.0 - 10.0
45
11
22
50
1778770000
VGM20-K65 BS
M 20 x 1.5
10.0 - 12.0
57
11
24
50
1778780000
VGM25-K65 BS
M 25 x 1.5
12.0 - 14.0
51
11
27
50
1778790000
VGM25-K65 BS
M 25 x 1.5
14.0 - 18.0
53
11
33
25
1778800000
VGM32-K65 BS
M 32 x 1.5
18.0 - 24.0
60
11
42
25
1778810000
PG-KV plastic bending protection
VG 7-K65 BS
PG 7
4.0 - 6.0
36
8
15
50
1720400000
VG 9-K65 BS
PG 9
6.0 - 8.0
37
8
19
50
1720410000
VG 11-K65 BS
PG 11
8.0 - 10.0
42
8
22
50
1720420000
VG 13.5-K65 BS
PG 13.5
10.0 - 12.0
45
9
24
50
1720430000
VG 16-K65 BS
PG 16
12.0 - 14.0
50
10
27
25
1720440000
VG 21-K65 BS
PG 21
14.0 - 18.0
53
11
32
20
1720450000
VG 29-K65 BS
PG 29
18.0 - 24.0
60
11
42
20
1720460000
all sizes in mm
Ordering data
Type
Thread
Clamp range
L
L1
SW1/SW2 Qty.
Cat. No.
PG-KV cable gland Brass bending protection
VG 9-MS65 BS
PG 9
6.0 - 8.0
35
6
19/15
50
1720340000
VG 11-MS65 BS
PG 11
8.0 - 10.0
35
6
22/19
50
1720350000
VG 13.5-MS65 BS PG 13.5
10.0 - 12.0
36
6.5
24/20
50
1720360000
VG 16-MS65 BS
PG 16
12.0 - 14.0
40
7
27/30
25
1720370000
VG 21-MS65 BS
PG 21
14.0 - 18.0
44
7
32/34
20
1720380000
VG 29-MS65 BS
PG 29
18.0 - 24.0
50
8
41/46
20
1720390000
all sizes in mm
L
L1
L
L1


Similar Part No. - 1772560000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1772560 PHOENIX-1772560 Datasheet
68Kb / 2P
   HC-D STC 1,5
More results

Similar Description - 1772560000

ManufacturerPart #DatasheetDescription
logo
SAB North America
CG300 SAB-CG300 Datasheet
169Kb / 1P
   Metal Cable Glands
CG300PG SAB-CG300PG Datasheet
168Kb / 1P
   Metal Cable Glands
CGEMC-4 SAB-CGEMC-4 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
logo
Richco, Inc.
CG-NPT RICHCO-CG-NPT Datasheet
78Kb / 1P
   CABLE GLANDS - NPT TYPE
logo
SAB North America
CG300NPT SAB-CG300NPT Datasheet
166Kb / 1P
   Metal Cable Glands
CGEMC-2 SAB-CGEMC-2 Datasheet
192Kb / 1P
   EMC Grounding Cable Glands
logo
Richco, Inc.
CG-PG RICHCO-CG-PG Datasheet
79Kb / 1P
   CABLE GLANDS - PG TYPE
logo
SAB North America
CGEMC-2PG SAB-CGEMC-2PG Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
logo
ABB
STE ABB-STE Datasheet
484Kb / 2P
   ABB cable glands ??STE Star Teck짰 extreme series
logo
PHOENIX CONTACT
2316190 PHOENIX-2316190 Datasheet
58Kb / 3P
   Cable glands, plugs, and breather must be ordered separately
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com