Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5416 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # 2N5416
Description  HIGH VOLTAGE TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N5416 Datasheet(HTML) 1 Page - Comset Semiconductor

  2N5416 Datasheet HTML 1Page - Comset Semiconductor 2N5416 Datasheet HTML 2Page - Comset Semiconductor 2N5416 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP 2N5415 – 2N5416
COMSET SEMICONDUCTORS
1/3
HIGH VOLTAGE TRANSISTORS
The 2N5415 and 2N5416 are PNP transistors mounted in TO-39 metal case .
They are intended for use in high-voltage switching and linear amplifier applications.
Compliance to RoHS
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage (Ib = 0)
2N5415
-200
V
2N5416
-300
VCBO
Collector-Base Voltage (Ie = 0)
2N5415
-200
V
2N5416
-350
VEBO
Emitter-Base Voltage (Ic = 0)
2N5415
-4
V
2N5416
-6
IC
Collector Current
2N5415
-200
mA
2N5416
ICM
Peak Collector Current
2N5415
-400
mA
2N5416
IBM
Peak Base Current
2N5415
-200
mA
2N5416
PD
Total Power Dissipation
Tamb = 50°C
2N5415
1
W
2N5416
Tcase = 25°C
2N5415
10
2N5416
TJ
Junction Temperature
2N5415
200
°C
2N5416
TStg
Storage Temperature Range
2N5415
-65 to +200
°C
2N5416
Tamb
Operating Ambient Temperature
2N5415
-65 to +150
°C
2N5416
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-a
Thermal Resistance, Junction to ambient
150
°C/W
RthJ-c
Thermal Resistance, Junction to case
17.5
°C/W


Similar Part No. - 2N5416

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5416 STMICROELECTRONICS-2N5416 Datasheet
66Kb / 4P
   SILICON PNP TRANSISTORS
June 1997
logo
Boca Semiconductor Corp...
2N5416 BOCA-2N5416 Datasheet
262Kb / 6P
   HIGH VOLTAGE AMPLIFIERS
logo
Microsemi Corporation
2N5416 MICROSEMI-2N5416 Datasheet
67Kb / 2P
   PNP LOW POWER SILICON TRANSISTOR
logo
Central Semiconductor C...
2N5416 CENTRAL-2N5416 Datasheet
56Kb / 1P
   Small Signal Transistors
logo
List of Unclassifed Man...
2N5416 ETC-2N5416 Datasheet
347Kb / 8P
   Power Transistors
More results

Similar Description - 2N5416

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA42 MOTOROLA-MPSA42 Datasheet
121Kb / 4P
   High Voltage Transistors
logo
Leshan Radio Company
LMBT6517LT1G LRC-LMBT6517LT1G_15 Datasheet
253Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA92L ONSEMI-MMBTA92L Datasheet
103Kb / 4P
   High Voltage Transistors
October, 2016 ??Rev. 11
logo
Leshan Radio Company
LMBT5550LT1 LRC-LMBT5550LT1 Datasheet
114Kb / 5P
   High Voltage Transistors
logo
List of Unclassifed Man...
2SC507 ETC1-2SC507 Datasheet
79Kb / 1P
   High Voltage Transistors
logo
Guangdong Kexin Industr...
MMBT5550 KEXIN-MMBT5550 Datasheet
43Kb / 2P
   High Voltage Transistors
logo
Zowie Technology Corpor...
MMBT5550G ZOWIE-MMBT5550G Datasheet
218Kb / 4P
   High Voltage Transistors
logo
ON Semiconductor
BSP16T1G ONSEMI-BSP16T1G Datasheet
118Kb / 3P
   High Voltage Transistors
September, 2010 -- Rev. 7
logo
Motorola, Inc
BC450 MOTOROLA-BC450 Datasheet
243Kb / 6P
   High Voltage Transistors
MMBT5550LT1 MOTOROLA-MMBT5550LT1 Datasheet
199Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA42L ONSEMI-MMBTA42L Datasheet
95Kb / 6P
   High Voltage Transistors
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com