Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0571200000 Datasheet(PDF) 1 Page - Weidmuller

Part # 0571200000
Description  Screw Clamp 35 mm DIN-Rail Terminals
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0571200000 Datasheet(HTML) 1 Page - Weidmuller

  0571200000 Datasheet HTML 1Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
145
WNT 4
1010780000
1011780000
6/60/47 (.24/2.36/1.85)
10 (.39)
600 V / 35 A / #22…10 AWG
600 V / 35 A / #26…10 AWG
400 VAC / 32A / 4 mm2
1.0 (9.0)
3
Type
Part No.
WAP 2.5…10
1050080000
WHP 2.5…10
1050280000
WHP 2.5…10
1050480000
SSch 10x3 Cu 0348900000
SSch 10x3 Brass 0259800000
SSch 6x6 Cu
0571300000
SSch 6x6 Brass 0571200000
ZB 4 K*
0475380000
ZBE 6 K**
0525980000
ZB 16 K†
0502880000
ZB 35 K††
0502680000
ZB 4/6 K*
0565480000
ZB 16/6 K†
0569680000
PS 2.3
0180400000
DEK 5/6
0468660001
DEK 5/6
0468760001
WNT 6
1010880000
1011980000
8/60/47 (.31/2.36/1.85)
12 (.47)
600 V / 45 A / #20… 8 AWG
600 V / 45 A / #20… 8 AWG
400 VAC / 41 A / 6 mm2
1.6 (14.2)
3.5
Type
Part No.
WAP 2.5…10
1050080000
WHP 2.5…10
1050280000
WHP 2.5…10
1050480000
SSch 10x3 Cu 0348900000
SSch 10x3 Brass 0259800000
SSch 6x6 Cu
0571300000
SSch 6x6 Brass
0571200000
ZB 4 K*
0475380000
ZBE 6 K**
0525980000
ZB 16 K†
0502880000
ZB 35 K††
0502680000
ZB 4/6 K*
0565480000
ZB 16/6 K†
0569680000
PS 2.3
0180400000
DEK 5/8
1653340001
DEK 5/8
1653350001
Note: Part numbers shown are for a single
card of pre-printed tags numbered 1-50.
For additional information, see Accessories section.
See Accessories section for mounting rails, end brackets, additional marking material and accessories.
Screw Clamp 35 mm
DIN-Rail Terminals
Neutral
Available Options
Version
For 10 x 3 busbars
Blue Wemid
For 6 x 6 busbars
Blue Wemid
Dimensions
Width / Length / Height mm (in.)
with TS 35 x 7.5
with TS 32
Insulation stripping length
mm (in.)
Technical Data
Rated voltage / rated current / wire size
UL
CSA
VDE
Torque
Nm (lb. in.)
Clamping screw
M
End Plate
WAP (thickness 1.5 mm)
Blue Wemid
Support Bracket
WHP for 10 x 3 SSch
Blue Wemid
WHP for 6 x 6 SSch
Blue Wemid
Thickness 1.5 mm
Busbar
10 x 3
6 x 6
Clamping Yoke
For 10 x 3 SSch
For 6 x 6 SSch
Supply via clamping yoke, for example
Test Plugs
For #18 AWG wire
For #12 AWG wire
Marking Tags
Print
Consecutive horizontal
Consecutive vertical
WNT 10
1010980000
1012180000
10/60/47 (.39/2.36/1.85)
12 (.47)
600 V / 60 A / #16…8 AWG
600 V / 65 A / #16… 6 AWG
400 VAC / 57 A / 10 mm2
2.3 (20.4)
4
Type
Part No.
WAP 2.5…10
1050080000
WHP 2.5…10
1050280000
WHP 2.5…10
1050480000
SSch 10x3 Cu 0348900000
SSch 10x3 Brass 0259800000
SSch 6x6 Cu
0571300000
SSch 6x6 Brass
0571200000
ZB 4 K*
0475380000
ZBE 6 K**
0525980000
ZB 16 K†
0502880000
ZB 35 K††
0502680000
ZB 4/6 K*
0565480000
ZB 16/6 K†
0569680000
PS 2.3
0180400000
DEK 5/8
1653340001
DEK 5/8
1653350001
WNT 2.5
1010680000
1011580000
5/60/47 (.197/2.36/1.85)
10 (.39)
600 V / 25 A / #22…12 AWG
600 V / 20 A / #26…12 AWG
400 VAC / 24 A / 2.5 mm2
0.8 (7.1)
2.5
Type
Part No.
WAP 2.5…10
1050080000
WHP 2.5…10 1050280000
WHP 2.5…10 1050480000
SSch 10x3 Cu 0348900000
SSch 10x3 Brass 0259800000
SSch 6x6 Cu
0571300000
SSch 6x6 Brass 0571200000
ZB 4 K*
0475380000
ZBE 6 K**
0525980000
ZB 16 K†
0502880000
ZB 35 K††
0502680000
ZB 4/6 K*
0565480000
ZB 16/6 K†
0569680000
PS 2.3
0180400000
DEK 5/5
0473460001
DEK 5/5
0473560001
*(0.5...4) mm
2
**(1.5...10) mm
2
†(2.5...16) mm2
††(16...35) mm2


Similar Part No. - 0571200000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0571200000 WEIDMULLER-0571200000 Datasheet
49Kb / 1P
   Modular terminal, accessories, Terminal rail (cable support construction), Copper
0571200000 WEIDMULLER-0571200000 Datasheet
50Kb / 1P
   Modular terminal, accessories, Terminal rail (cable support construction), Copper
More results

Similar Description - 0571200000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0205200000 WEIDMULLER-0205200000 Datasheet
487Kb / 1P
   Cable Lug 32/35 mm DIN-Rail Terminals
logo
Omron Electronics LLC
J7KNA-AR OMRON-J7KNA-AR Datasheet
472Kb / 6P
   Screw fixing and snap fitting (35 mm DIN rail)
logo
Crydom Inc.,
DRA-CN024DR CRYDOM-DRA-CN024DR Datasheet
943Kb / 6P
   6.2mm Din-Rail Mount (35 mm) SSR Assembly
logo
American Electronic Com...
D41F AEC-D41F Datasheet
681Kb / 3P
   Screw or spring clamp terminals
D41F-SSR AEC-D41F-SSR Datasheet
695Kb / 3P
   Screw or spring clamp terminals
logo
Schneider Electric
NSYTRAABV35 SCHNEIDER-NSYTRAABV35 Datasheet
105Kb / 1P
   Linergy terminal blocks, end bracket, screw on, for 35 mm DIN rail, 9.5 mm wide, markable
Aug 10, 2019
logo
WAGO Kontakttechnik Gmb...
221-500 WAGO-221-500 Datasheet
1Mb / 3P
   Mounting carrier; 221 Series - 4 mm²; for DIN-35 rail mounting/screw mounting; orange
09.07.2022
logo
Schneider Electric
RXZE2M114 SCHNEIDER-RXZE2M114 Datasheet
65Kb / 2P
   Socket, mixed contact, screw clamp terminals
logo
FIBOX Enclosing innovat...
9822003 FIBOX-9822003 Datasheet
48Kb / 1P
   DIN-35 Mounting rail, for enclosures
02.08.2023
9822007 FIBOX-9822007 Datasheet
48Kb / 1P
   DIN-35 Mounting rail, for enclosures
02.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com