Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9619A Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9619A
Description  Synchronous-Rectified Buck MOSFET Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9619A Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9619A Datasheet HTML 3Page - Richtek Technology Corporation RT9619A Datasheet HTML 4Page - Richtek Technology Corporation RT9619A Datasheet HTML 5Page - Richtek Technology Corporation RT9619A Datasheet HTML 6Page - Richtek Technology Corporation RT9619A Datasheet HTML 7Page - Richtek Technology Corporation RT9619A Datasheet HTML 8Page - Richtek Technology Corporation RT9619A Datasheet HTML 9Page - Richtek Technology Corporation RT9619A Datasheet HTML 10Page - Richtek Technology Corporation RT9619A Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
RT9619/A
10
DS9619/A-06 April 2011
www.richtek.com
Layout Consideration
Figure 5 shows the schematic circuit of a two-phase
synchronous buck converter to implement the RT9619/A.
The converter operates from 5V to 12V of VIN.
When layout the PCB, it should be very careful. The power-
circuit section is the most critical one. If not configured
properly, it will generate a large amount of EMI. The junction
of Q1, Q2, L2 should be very close.
Next, the trace from UGATE, and LGATE should also be
short to decrease the noise of the driver output signals.
PHASE signals from the junction of the power MOSFET,
carrying the large gate drive current pulses, should be as
heavy as the gate drive trace. The bypass capacitor C4
should be connected to PGND directly. Furthermore, the
bootstrap capacitors (CB) should always be placed as close
to the pins of the IC as possible.
VCC
VIN
PGND
BOOT
UGATE
PHASE
LGATE
RT9619/A
1uF
C
L
3nF
20
C
U
3nF
2N7002
2N7002
+12V
+12V
1uF
PWM
1N4148
C
BOOT
10
0
100
200
300
400
500
600
700
800
900
1000
0
200
400
600
800
1000
Frequency (kHz)
CU=CL=3nF
CU=CL=1nF
CU=CL=2nF
Power Dissipation vs. Frequency
The operating junction temperature can be calculated from
the power dissipation curves (Figure 4). Assume
VCC=12V, operating frequency is 200kHz and the
CU=CL=1nF which emulate the input capacitances of the
high side and low side power MOSFETs. From Figure 4,
the power dissipation is 100mW. For RT9619/A, the
package thermal resistance
θJA is 160°C/W, the operating
junction temperature is calculated as :
Figure 3. Test Circuit
This dissipation is a function of switching frequency and
total gate charge of the selected MOSFET. Figure 3 shows
the power dissipation test circuit. CL and CU are the UGATE
and LGATE load capacitors, respectively. The bootstrap
capacitor value is 1
μF.
Figure 4 shows the power dissipation of the RT9619/A as
a function of frequency and load capacitance. The value of
the CU and CL are the same and the frequency is varied
from 100kHz to 1MHz.
Figure 4. Power Dissipation vs. Frequency
TJ = (160
°C/W x 100mW) + 25°C = 41°C
(11)
where the ambient temperature is 25
°C.
The method to improve the thermal transfer is to increase
the PCB copper area around the RT9619/A first. Then,
adding a ground pad under IC to transfer the heat to the
peripheral of the board.
Figure 5. Two-Phase Synchronous Buck Converter Circuit
BOOT
UGATE
PHASE
LGATE
VCC
VIN
14
2
5
7
8
PGND
10
1uF
12V
1uF
PHB83N03LT
PHB95N03LT
2uH
1uF
1000uF
1.2uH
12V
1500uF
6
L1
C1
L2
C3
Q2
Q1
C2
CB
D1
R1
C4
PWM
V
IN
V
CORE


Similar Part No. - RT9619A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9619AGS RICHTEK-RT9619AGS Datasheet
423Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
RT9619APS RICHTEK-RT9619APS Datasheet
423Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
More results

Similar Description - RT9619A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601A INTERSIL-HIP6601A Datasheet
516Kb / 11P
   Synchronous Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9611A RICHTEK-RT9611A Datasheet
228Kb / 15P
   Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618 Datasheet
434Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601B INTERSIL-HIP6601B Datasheet
261Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
HIP6601 RENESAS-HIP6601 Datasheet
241Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
August 2004
logo
Richtek Technology Corp...
RT9603 RICHTEK-RT9603 Datasheet
116Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
RT9603 RICHTEK-RT9603_07 Datasheet
128Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com