Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9612B Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9612B
Description  Synchronous-Rectified Buck MOSFET Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9612B Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9612B Datasheet HTML 7Page - Richtek Technology Corporation RT9612B Datasheet HTML 8Page - Richtek Technology Corporation RT9612B Datasheet HTML 9Page - Richtek Technology Corporation RT9612B Datasheet HTML 10Page - Richtek Technology Corporation RT9612B Datasheet HTML 11Page - Richtek Technology Corporation RT9612B Datasheet HTML 12Page - Richtek Technology Corporation RT9612B Datasheet HTML 13Page - Richtek Technology Corporation RT9612B Datasheet HTML 14Page - Richtek Technology Corporation RT9612B Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
RT9612A/B
11
DS9612A/B-03
June 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 2. Part of Bootstrap Circuit of RT9612A/B
In practice, a low value capacitor CB will lead to the over
charging that could damage the IC. Therefore, to minimize
the risk of overcharging and to reduce the ripple on VCB,
the bootstrap capacitor should not be smaller than 0.1
μF,
and the larger the better. In general design, using 1
μF can
provide better performance. At least one low-ESR capacitor
should be used to provide good local de-coupling. It is
recommended to adopt a ceramic or tantalum capacitor.
Power Dissipation
To prevent driving the IC beyond the maximum
recommended operating junction temperature of 125
°C,
it is necessary to calculate the power dissipation
appropriately. This dissipation is a function of switching
frequency and total gate charge of the selected MOSFET.
Figure 3 shows the power dissipation test circuit. CL and
CU are the UGATE and LGATE load capacitors,
respectively. The bootstrap capacitor value is 1
μF.
Figure 3. Test Circuit
Figure 4 shows the power dissipation of the RT9612A/B
as a function of frequency and load capacitance. The value
of CU and CL are the same and the frequency is varied
from 100kHz to 1MHz.
The operating junction temperature can be calculated from
the power dissipation curves (Figure 4). Assume
VCC = 12V, operating frequency is 200kHz and CU = CL =
1nF which emulate the input capacitances of the high side
and low side power MOSFETs. From Figure 4, the power
dissipation is 100mW. Thus, for example, with the SOP-
8 package, the package thermal resistance
θJA is 120°C/
W. The operating junction temperature is then calculated
as :
TJ = (120
°C/W x 100mW) + 25°C = 37°C
(11)
where the ambient temperature is 25
°C.
Thermal Considerations
For recommended operating condition specifications, the
maximum junction temperature is 125
°C. The junction to
ambient thermal resistance,
θJA, is layout dependent. For
SOP-8 packages, the thermal resistance,
θJA, is
120
°C/W on a standard JEDEC 51-7 four-layer thermal
test board. For SOP-8 (Exposed Pad) packages, the
thermal resistance,
θJA, is 75°C/W on a standard JEDEC
51-7 four-layer thermal test board. For WDFN-8EL 3x3
packages, the thermal resistance,
θJA, is 70°C/W on a
Figure 4. Power Dissipation vs. Frequency
VIN
CB
VCB
+
-
BOOT
VCC
UGATE
PHASE
LGATE
GND
CU
3nF
VCC
PWN
GND
BOOT
UGATE
PHASE
LGATE
RT9612A/B
1µF
CL
3nF
20
2N7002
2N7002
12V
12V
1µF
PWM
CBOOT
10
Power Dissipation vs. Frequency
0
100
200
300
400
500
600
700
800
900
1000
0
200
400
600
800
1000
Frequency (kHz)
CU = CL = 1nF
CU = CL = 3nF
CU = CL = 2nF


Similar Part No. - RT9612B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9610A RICHTEK-RT9610A Datasheet
176Kb / 15P
   High Voltage Synchronous Rectified Buck MOSFET Driver for Notebook Computer
RT9610AGQW RICHTEK-RT9610AGQW Datasheet
176Kb / 15P
   High Voltage Synchronous Rectified Buck MOSFET Driver for Notebook Computer
RT9610AZQW RICHTEK-RT9610AZQW Datasheet
176Kb / 15P
   High Voltage Synchronous Rectified Buck MOSFET Driver for Notebook Computer
RT9610BGQW RICHTEK-RT9610BGQW Datasheet
176Kb / 15P
   High Voltage Synchronous Rectified Buck MOSFET Driver for Notebook Computer
RT9610BZQW RICHTEK-RT9610BZQW Datasheet
176Kb / 15P
   High Voltage Synchronous Rectified Buck MOSFET Driver for Notebook Computer
More results

Similar Description - RT9612B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA220001 RENESAS-RAA220001 Datasheet
267Kb / 15P
   Synchronous Rectified Buck MOSFET Driver
Jul.11.19
logo
Infineon Technologies A...
PX3517 INFINEON-PX3517 Datasheet
1Mb / 20P
   Synchronous Rectified Buck MOSFET driver IC
Revision 2.4, 2015-10-20
logo
Renesas Technology Corp
RAA220002 RENESAS-RAA220002 Datasheet
298Kb / 17P
   Dual Synchronous Rectified Buck MOSFET Driver
Jul.8.19
logo
Intersil Corporation
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
ISL6208 INTERSIL-ISL6208 Datasheet
1Mb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Richtek Technology Corp...
RT9605B RICHTEK-RT9605B Datasheet
269Kb / 13P
   Triple-Channel Synchronous-Rectified Buck MOSFET Driver
RT9624D RICHTEK-RT9624D Datasheet
186Kb / 13P
   Single Phase Synchronous Rectified Buck MOSFET Driver
logo
Intersil Corporation
ISL6206 INTERSIL-ISL6206 Datasheet
97Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL95808HRZ-T INTERSIL-ISL95808HRZ-T Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
June 29, 2015
logo
Richtek Technology Corp...
RT9610C RICHTEK-RT9610C Datasheet
158Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com