Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLD322V-21 Datasheet(PDF) 7 Page - Sony Corporation

Part # SLD322V-21
Description  High Power Density 0.5W Laser Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD322V-21 Datasheet(HTML) 7 Page - Sony Corporation

  SLD322V-21 Datasheet HTML 1Page - Sony Corporation SLD322V-21 Datasheet HTML 2Page - Sony Corporation SLD322V-21 Datasheet HTML 3Page - Sony Corporation SLD322V-21 Datasheet HTML 4Page - Sony Corporation SLD322V-21 Datasheet HTML 5Page - Sony Corporation SLD322V-21 Datasheet HTML 6Page - Sony Corporation SLD322V-21 Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
– 7 –
SLD322V
Package Outline
Unit: mm
M-248 (LO-11)
Reference
Slot
1.0
Photo
Diode
2
3
1
Window
Glass
Reference
Plane
LD Chip
φ9.0 – 0.015
0
φ7.7 MAX
φ6.9 MAX
φ3.5
3 –
φ0.45
PCD
φ2.54
∗Optical
Distance = 2.55 ± 0.05
SONY CODE
EIAJ CODE
JEDEC CODE
M-248
PACKAGE WEIGHT
1.2g


Similar Part No. - SLD322V-21

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD322XT SONY-SLD322XT Datasheet
97Kb / 7P
   0.5W High Power Laser Diode
SLD322XT-1 SONY-SLD322XT-1 Datasheet
97Kb / 7P
   0.5W High Power Laser Diode
SLD322XT-2 SONY-SLD322XT-2 Datasheet
97Kb / 7P
   0.5W High Power Laser Diode
SLD322XT-21 SONY-SLD322XT-21 Datasheet
97Kb / 7P
   0.5W High Power Laser Diode
SLD322XT-24 SONY-SLD322XT-24 Datasheet
97Kb / 7P
   0.5W High Power Laser Diode
More results

Similar Description - SLD322V-21

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD322XT SONY-SLD322XT Datasheet
97Kb / 7P
   0.5W High Power Laser Diode
SLD1324ZT SONY-SLD1324ZT Datasheet
175Kb / 7P
   High-Power Density 1W Laser Diode
SLD324ZT SONY-SLD324ZT Datasheet
72Kb / 7P
   High-Power Density 2W Laser Diode
SLD323V SONY-SLD323V Datasheet
68Kb / 7P
   High Power Density 1W Laser Diode
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
   High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
   High Power Laser Diode
logo
Everlight Electronics C...
EHP-A09 EVERLIGHT-EHP-A09 Datasheet
171Kb / 10P
   High Power LED - 0.5W
EHP-A21GT46H-PU5TR EVERLIGHT-EHP-A21GT46H-PU5TR Datasheet
270Kb / 15P
   High Power LED-0.5W
EHP-A21SUG31H-PU5TR EVERLIGHT-EHP-A21SUG31H-PU5TR Datasheet
267Kb / 15P
   High Power LED-0.5W
EHP-A21SUR31A-PU5TR EVERLIGHT-EHP-A21SUR31A-PU5TR Datasheet
266Kb / 15P
   High Power LED-0.5W
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com