Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

744030002 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744030002
Description  POWER-INDUCTOR WE-TPC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744030002 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744030002 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744030002 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744030002 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification:
A
4,00 ± 0,1
mm
B
8,00 ± 0,1
mm
C
12,0 ± 0,2
mm
a
178,0 ± 2,0
mm
b
21,00 ± 0,8
mm
c
13,00 ± 0,5
mm
d
50,00 ± 1,0
mm
SSt
09-06-03
MST
08-04-11
MST
06-09-12
SSt
06-05-17
MST
04-10-11
AG
04-05-24
Name
Datum / date
Änderung / modification
Version 1
Version 2
Version 3
Version 4
Version 5
Version 6
Spezifikation für Freigabe / specification for release
Kunde / customer :
Artikelnummer / part number :
744030002
SPEICHERDROSSEL WE-TPC
POWER-INDUCTOR WE-TPC
DATUM / DATE : 2009-03-06
http://www.we-online.de
...............................................
............................................
Geprüft / checked
Kontrolliert / approved
Datum / date
Würth Elektronik
D-74638 Waldenburg · Max-Eyth-Strasse 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
Gurtspezifikation / Tape specification:
Rollenspezifikation / Reel specification:
Unterschrift / signature
Würth Elektronik eiSos GmbH & Co. KG
A
B
C
Ø c
a
d
b
no component /
160 mm min.
components
no components /
400 mm min.
End
Start
feeding direction
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if
there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal,
disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every
electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
SEITE 3 VON 3


Similar Part No. - 744030002

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744030002 WURTH-744030002_17 Datasheet
263Kb / 5P
   WE-TPC SMD Shielded Tiny Power Inductor
More results

Similar Description - 744030002

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7440300047 WURTH-7440300047 Datasheet
176Kb / 3P
   POWER-INDUCTOR WE-TPC
744030100 WURTH-744030100 Datasheet
73Kb / 3P
   POWER-INDUCTOR WE-TPC
7440300068 WURTH-7440300068 Datasheet
175Kb / 3P
   POWER-INDUCTOR WE-TPC
744030001 WURTH-744030001 Datasheet
73Kb / 3P
   POWER-INDUCTOR WE-TPC
744030220 WURTH-744030220 Datasheet
73Kb / 3P
   POWER-INDUCTOR WE-TPC
744030003 WURTH-744030003 Datasheet
73Kb / 3P
   POWER-INDUCTOR WE-TPC
744030006 WURTH-744030006 Datasheet
73Kb / 3P
   POWER-INDUCTOR WE-TPC
744030004 WURTH-744030004 Datasheet
73Kb / 3P
   POWER-INDUCTOR WE-TPC
744042008 WURTH-744042008_17 Datasheet
263Kb / 5P
   WE-TPC SMD Shielded Tiny Power Inductor
744062120 WURTH-744062120_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com