Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9525 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9525
Description  Linear Single Cell Li-Ion Battery Charger with Auto Power Path
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9525 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9525 Datasheet HTML 7Page - Richtek Technology Corporation RT9525 Datasheet HTML 8Page - Richtek Technology Corporation RT9525 Datasheet HTML 9Page - Richtek Technology Corporation RT9525 Datasheet HTML 10Page - Richtek Technology Corporation RT9525 Datasheet HTML 11Page - Richtek Technology Corporation RT9525 Datasheet HTML 12Page - Richtek Technology Corporation RT9525 Datasheet HTML 13Page - Richtek Technology Corporation RT9525 Datasheet HTML 14Page - Richtek Technology Corporation RT9525 Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
RT9525
11
DS9525-01 May 2011
www.richtek.com
Charge State Indicator
EN2
EN1
VIN Input Current Limit
L
L
90mA
L
H
475mA
H
L
1.5A
H
H
Suspend Mode
Charge Enable
When EN is low, the charger turns on. When EN is high,
the charger turn off. EN is pulled low for initial condition.
VIN Input Current Limit
Battery Pack Temperature Monitoring
The RT9525 features an external battery pack temperature
monitoring input. The TS input connects to the NTC
thermistor in the battery pack to monitor battery
temperature and prevent dangerous over temperature
conditions. If at any time the voltage at TS falls outside of
the operating range, charging will be suspended. The
timers maintain their values but suspend counting. When
charging is suspended due to a battery pack temperature
fault, the CHG pin remains low and continues to indicate
charging.
When temperature reaches at “Too Cold” state,
RNTC = RCOLD
When temperature reaches at “Too Hot” state,
RNTC = RHOT
From (1), (2), the RT1 and RT2 can be calculated by the
following equations :
T1
COLD
T2
NTC
T1
COLD
T2
NTC
(R
+ R
) R
I
= 2.1V (V)
(R
+ R
) + R
where I
= 75 A (typ.)
μ
×
×
T1
HOT
T2
NTC
T1
HOT
T2
(R
+ R
) R
I
= 0.3V (V)
(R
+ R
) + R
×
×
(1)
(2)
)
22
HOT
COLD
T1
COLD
HOT
COLD
HOT
T1
HOT
T2
T1
HOT
1500
(R
+ R
)
R
3000
20 5625
x (R
R
) + 105
(R
R
3000
(R
+ R
)
R
250
R
+ 250
R
1
μ
μ
μμ
μ
μμ
−×
=+
−×
=
××
Charge State
CHG Output
Charging
Charging suspended by thermal
loop
Low (for first charge
cycle)
Safety timers expired
2Hz flash
Charging done
Recharging after termination
IC disabled or no valid input
power
High impedance
Figure 1
+
-
+
-
2.1V
0.3V
Too Cold
Too Hot
TS
RT1
RT2
RNTC
Suspend Mode
Set EN1 = EN2 = H, and the charger will enter Suspend
Mode. In Suspend Mode, CHG is in high impedance and
ISUS(MAX) < 330
μA.
Power Switch
For the RT9525, there are three power scenarios :
(1) When a battery and an external power supply
(USB or adapter) are connected simultaneously :
If the system load requirements exceed that of the
input current limit, the battery will be used to
supplement the current to the load. However, if the
system load requirements are less than that of the
input current limit, the excess power from the external
power supply will be used to charge the battery.
(2) When only the battery is connected to the system :
The battery provides the power to the system.
(3) When only an external power supply is connected to
the system :
The external power supply provides the power to the
system.


Similar Part No. - RT9525

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9524 RICHTEK-RT9524 Datasheet
336Kb / 12P
   Linear Single Cell Li-Ion Battery Charger IC for Portable Applications
RT9526 RICHTEK-RT9526 Datasheet
257Kb / 14P
   Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
RT9526A RICHTEK-RT9526A Datasheet
148Kb / 10P
   Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
RT9526A RICHTEK-RT9526A Datasheet
145Kb / 13P
   Linear Single Cell Li-Ion Battery Charger
RT9526AGE RICHTEK-RT9526AGE Datasheet
148Kb / 10P
   Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
More results

Similar Description - RT9525

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9503 RICHTEK-RT9503 Datasheet
340Kb / 15P
   Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
RT9503A RICHTEK-RT9503A Datasheet
347Kb / 15P
   Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
RT9519B RICHTEK-RT9519B Datasheet
386Kb / 18P
   Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
RT9519A RICHTEK-RT9519A Datasheet
369Kb / 17P
   Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
   Linear Single Cell Li-Ion Battery Charger
logo
Global Mixed-mode Techn...
G5805 GMT-G5805 Datasheet
74Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
G5808 GMT-G5808 Datasheet
67Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com