Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9945 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9945
Description  Power Management ICs for Handheld Device
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9945 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9945 Datasheet HTML 1Page - Richtek Technology Corporation RT9945 Datasheet HTML 2Page - Richtek Technology Corporation RT9945 Datasheet HTML 3Page - Richtek Technology Corporation RT9945 Datasheet HTML 4Page - Richtek Technology Corporation RT9945 Datasheet HTML 5Page - Richtek Technology Corporation RT9945 Datasheet HTML 6Page - Richtek Technology Corporation RT9945 Datasheet HTML 7Page - Richtek Technology Corporation RT9945 Datasheet HTML 8Page - Richtek Technology Corporation RT9945 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
RT9945
1
DS9945-01 April 2011
www.richtek.com
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Power Management ICs for Handheld Device
Applications
GPS and PND
PDA and Smart Phones
HandheldDevices
General Description
The RT9945 is a complete power management IC (PMIC)
for handheld device platform. This PMIC contains a fully
integrated linear charger for a single cell Lithium Ion battery,
five LDO linear regulators and two high efficiency buck
converters, a comparator, a reset and an I2C serial interface
to program one buck and one regulator output voltages as
well as power on timing control for complete flexibility.
The linear charger integrates LDO, MOSFET pass element,
and thermal-regulation circuitry. The proprietary thermal-
regulation circuitry limits the die temperature when fast
charging or while exposed to high ambient temperatures,
allowing maximum charging current without damaging the
IC.
The two step-down converters are optimized for small size
inductor and high efficiency applications. They utilize a
proprietary hysteretic PWM control scheme that switches
with nearly fixed frequency and is adjustable, allowing the
customer to trade some efficiency for smaller external
component, as desired. The output current is guaranteed
up to 600mA, while quiescent current is a low 40
μA (typ).
The LDO linear regulators provide high power supply
rejection rate and have only 45uVRMS of output noises for
100Hz to 10kHz frequency range to power noise sensitive
RF sections.
The RT9945 is available in WQFN-40L 5x5 package.
Features
Charger
Adapter/USB & Battery Two Input with Auto Power
Dynamic Path.
PWR_IN LDO Support Continuous 1.5A, Peak 2A
Current
4.5V to 5.5V Operation Voltage Range with Max.
18V Input Voltage
Switch Well for LDO and Charger Power MOSFET
Set Charge Current by ISETA Pin
Charge Status Indicator
Interrupt for PWR_IN Plug In/Out, Time Out and
Charger Done.
Battery Temperature Monitoring
Hysteretic Buck
Buck 1 for Memory, Adjustable Voltage and 600mA
Output Current
Buck 2 for Core voltage with 25mV/step I2C
Adjustable, 600mA Output Current
Max. Efficiency Up to 90%
LDO
LDO1 : 3.3V/500mA for I/O, Default ON
LDO2 : 1.2V/80mA for PLL, Default ON
LDO3 : 1.2V/80mA for VDD Alive.
LDO4 : 2.5V/50mA, Default OFF
LDO5 : 3.3V/50mA, Default OFF
Minimize the External Component Counts
Other
Low Voltage Detector
I2C Compatible Interface
Power ON Timing Control
RoHS Compliant and Halogen Free
Package Type
QW : WQFN-40L 5x5 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT9945


Similar Part No. - RT9945

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9941 RICHTEK-RT9941 Datasheet
711Kb / 33P
   Power Management ICs for Handheld Device
More results

Similar Description - RT9945

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9941 RICHTEK-RT9941 Datasheet
711Kb / 33P
   Power Management ICs for Handheld Device
logo
Lowpower Semiconductor ...
LP6283 POWER-LP6283 Datasheet
529Kb / 10P
   Power Management ICs for TV / Monitor
logo
Rohm
BD5650AFVM ROHM-BD5650AFVM Datasheet
355Kb / 12P
   Power Management ICs for Battery Chargers
logo
Texas Instruments
LP3905 TI1-LP3905 Datasheet
957Kb / 24P
[Old version datasheet]   Power Management Unit For Low Power Handheld Applications
logo
National Semiconductor ...
LP3905 NSC-LP3905 Datasheet
680Kb / 15P
   Power Management Unit For Low Power Handheld Applications
logo
ON Semiconductor
MC34280 ONSEMI-MC34280 Datasheet
380Kb / 20P
   Power Supply & Management IC for Handheld Electronic Products
February, 2000 ??Rev. 2
logo
Maxim Integrated Produc...
MAX8982 MAXIM-MAX8982 Datasheet
3Mb / 73P
   Power-Management ICs for ICERA E400 Platform
19-5472; Rev 2; 4/11
logo
Texas Instruments
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
logo
RICOH electronics devic...
R1172H RICOH-R1172H Datasheet
30Kb / 1P
   POWER MANAGEMENT ICs MARK INFORMATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com