Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9945 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9945
Description  Power Management ICs for Handheld Device
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9945 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9945 Datasheet HTML 1Page - Richtek Technology Corporation RT9945 Datasheet HTML 2Page - Richtek Technology Corporation RT9945 Datasheet HTML 3Page - Richtek Technology Corporation RT9945 Datasheet HTML 4Page - Richtek Technology Corporation RT9945 Datasheet HTML 5Page - Richtek Technology Corporation RT9945 Datasheet HTML 6Page - Richtek Technology Corporation RT9945 Datasheet HTML 7Page - Richtek Technology Corporation RT9945 Datasheet HTML 8Page - Richtek Technology Corporation RT9945 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
RT9945
5
DS9945-01 April 2011
www.richtek.com
Function Block Diagram
ON/OFF
Control & I
2C
Interface
Li-lon Linear Charger
Control
Thermal
Shutdown
UVLO
Buck1
Reset
Buck2
LDO1
LDO2
LDO3
LDO4
320ms
Debounce
HP_PWR
FB1
PGND1
LX1
LX2
PGND2
FB2
nCHG_S
VOUT5
VOUT2
PWR_EN
VOUT1
VOUT3
ISETA
ISETU
PWR_ID
TIMER
BATT
VOUT4
PWR_ON
PWR_HOLD
nRESET
PWR_IN VSYS
VIN1
LDO5
VIN3
VIN2
BUCK1 OK
2µA
320ms
Debounce
2µA
nPBSTAS
TS
SW
Control
Circuit
nINT
+
-
LBI
1V
VSYS
nLBO
DATA
CLK
S2
S1
GND


Similar Part No. - RT9945

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9941 RICHTEK-RT9941 Datasheet
711Kb / 33P
   Power Management ICs for Handheld Device
More results

Similar Description - RT9945

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9941 RICHTEK-RT9941 Datasheet
711Kb / 33P
   Power Management ICs for Handheld Device
logo
Lowpower Semiconductor ...
LP6283 POWER-LP6283 Datasheet
529Kb / 10P
   Power Management ICs for TV / Monitor
logo
Rohm
BD5650AFVM ROHM-BD5650AFVM Datasheet
355Kb / 12P
   Power Management ICs for Battery Chargers
logo
Texas Instruments
LP3905 TI1-LP3905 Datasheet
957Kb / 24P
[Old version datasheet]   Power Management Unit For Low Power Handheld Applications
logo
National Semiconductor ...
LP3905 NSC-LP3905 Datasheet
680Kb / 15P
   Power Management Unit For Low Power Handheld Applications
logo
ON Semiconductor
MC34280 ONSEMI-MC34280 Datasheet
380Kb / 20P
   Power Supply & Management IC for Handheld Electronic Products
February, 2000 ??Rev. 2
logo
Maxim Integrated Produc...
MAX8982 MAXIM-MAX8982 Datasheet
3Mb / 73P
   Power-Management ICs for ICERA E400 Platform
19-5472; Rev 2; 4/11
logo
Texas Instruments
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
logo
RICOH electronics devic...
R1172H RICOH-R1172H Datasheet
30Kb / 1P
   POWER MANAGEMENT ICs MARK INFORMATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com