Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9385 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9385
Description  5 Channels 125mA x1/x1.5/x2 Charge Pump White LED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9385 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9385 Datasheet HTML 2Page - Richtek Technology Corporation RT9385 Datasheet HTML 3Page - Richtek Technology Corporation RT9385 Datasheet HTML 4Page - Richtek Technology Corporation RT9385 Datasheet HTML 5Page - Richtek Technology Corporation RT9385 Datasheet HTML 6Page - Richtek Technology Corporation RT9385 Datasheet HTML 7Page - Richtek Technology Corporation RT9385 Datasheet HTML 8Page - Richtek Technology Corporation RT9385 Datasheet HTML 9Page - Richtek Technology Corporation RT9385 Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
RT9385
10
DS9385-01 April 2011
www.richtek.com
Richtek Technology Corporation
Headquarter
5F, No. 20, Taiyuen Street, Chupei City
Hsinchu, Taiwan, R.O.C.
Tel: (8863)5526789 Fax: (8863)5526611
Richtek Technology Corporation
Taipei Office (Marketing)
5F, No. 95, Minchiuan Road, Hsintien City
Taipei County, Taiwan, R.O.C.
Tel: (8862)86672399 Fax: (8862)86672377
Email: marketing@richtek.com
Information that is provided by Richtek Technology Corporation is believed to be accurate and reliable. Richtek reserves the right to make any change in circuit
design, specification or other related things if necessary without notice at any time. No third party intellectual property infringement of the applications should be
guaranteed by users when integrating Richtek products into any application. No legal responsibility for any said applications is assumed by Richtek.
Outline Dimension
D
E
L
D2
E2
A3
A
A1
b
SEE DETAIL A
e
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
0.175
0.250
0.007
0.010
b
0.150
0.250
0.006
0.010
D
1.900
2.100
0.075
0.083
D2
0.700
0.800
0.028
0.031
E
2.900
3.100
0.114
0.122
E2
1.700
1.800
0.067
0.071
e
0.400
0.016
L
0.325
0.425
0.013
0.017
W-Type 16L QFN 2x3 Package
Note : The configuration of the Pin #1 identifier is optional,
but must be located within the zone indicated.
DETAIL A
Pin #1 ID and Tie Bar Mark Options
1
1
2
2


Similar Part No. - RT9385

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9385B RICHTEK-RT9385B Datasheet
218Kb / 10P
   5 Channels 125mA x1/x1.5/x2 Charge Pump White LED Driver
More results

Similar Description - RT9385

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9385B RICHTEK-RT9385B Datasheet
218Kb / 10P
   5 Channels 125mA x1/x1.5/x2 Charge Pump White LED Driver
RT9379 RICHTEK-RT9379 Datasheet
182Kb / 9P
   6 Channels 150mA x1/x1.5/x2 Charge Pump White LED Driver
RT9378 RICHTEK-RT9378 Datasheet
212Kb / 10P
   4 CHs 100mA x1/x1.5/x2 Charge Pump White LED Driver
RT9363A RICHTEK-RT9363A Datasheet
184Kb / 11P
   3 Channels 90mA x1/x2 Charge Pump White LED Driver
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
   Charge-Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144 Datasheet
310Kb / 12P
   Charge Pump White LED Driver
logo
California Micro Device...
CM9153 CALMIRCO-CM9153 Datasheet
489Kb / 12P
   Charge Pump White LED Driver
logo
SHANGHAI BELLING CO., L...
BL8587 BELLING-BL8587 Datasheet
283Kb / 8P
   High Efficiency Charge Pump 4-Channels LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com