Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9379 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9379
Description  6 Channels 150mA x1/x1.5/x2 Charge Pump White LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9379 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9379 Datasheet HTML 1Page - Richtek Technology Corporation RT9379 Datasheet HTML 2Page - Richtek Technology Corporation RT9379 Datasheet HTML 3Page - Richtek Technology Corporation RT9379 Datasheet HTML 4Page - Richtek Technology Corporation RT9379 Datasheet HTML 5Page - Richtek Technology Corporation RT9379 Datasheet HTML 6Page - Richtek Technology Corporation RT9379 Datasheet HTML 7Page - Richtek Technology Corporation RT9379 Datasheet HTML 8Page - Richtek Technology Corporation RT9379 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RT9379
2
DS9379-01 April 2011
www.richtek.com
Function Block Diagram
Typical Application Circuit
EN
LED2
LED5
LED3
LED4
1MHz
OSC
PWM Dimming
Controller
Soft Start
Circuit
Current Source
Shutdown Delay
VIN
VOUT
Gate Driver
UVLO
OVP
C1P
C2P C2N
C1N
Mode Decision
Current
Bias
LED6
PGND
AGND
LED1
CF
C2N
LED4
PGND
COUT
VIN
C1P
C1N C2P
RT9379
EN
VOUT
LED3
LED2
LED1
CFLY2
1µF
CFLY1
1µF
CIN
1µF
10
13
8
11
4
AGND
7
6
9
5
14
15
16
1
1µF
PWM Input
2
LED5
LED6 3
CCF
CF
12
0.1µF


Similar Part No. - RT9379

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9373A RICHTEK-RT9373A Datasheet
274Kb / 11P
   3-Channel Charge Pump White LED Driver with Low Dropout Current Source
RT9378 RICHTEK-RT9378 Datasheet
212Kb / 10P
   4 CHs 100mA x1/x1.5/x2 Charge Pump White LED Driver
More results

Similar Description - RT9379

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9385 RICHTEK-RT9385 Datasheet
224Kb / 10P
   5 Channels 125mA x1/x1.5/x2 Charge Pump White LED Driver
RT9385B RICHTEK-RT9385B Datasheet
218Kb / 10P
   5 Channels 125mA x1/x1.5/x2 Charge Pump White LED Driver
RT9378 RICHTEK-RT9378 Datasheet
212Kb / 10P
   4 CHs 100mA x1/x1.5/x2 Charge Pump White LED Driver
RT9363A RICHTEK-RT9363A Datasheet
184Kb / 11P
   3 Channels 90mA x1/x2 Charge Pump White LED Driver
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
   6-Channel Charge Pump White LED Driver
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
logo
Shanghai awinic technol...
AW9666 AWINIC-AW9666 Datasheet
1Mb / 21P
   6-Channels 1-Wire Brightness Adaptive Four Mode Charge Pump White LED Driver
logo
California Micro Device...
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
   Charge-Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144 Datasheet
310Kb / 12P
   Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com