Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9379 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9379
Description  6 Channels 150mA x1/x1.5/x2 Charge Pump White LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9379 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9379 Datasheet HTML 1Page - Richtek Technology Corporation RT9379 Datasheet HTML 2Page - Richtek Technology Corporation RT9379 Datasheet HTML 3Page - Richtek Technology Corporation RT9379 Datasheet HTML 4Page - Richtek Technology Corporation RT9379 Datasheet HTML 5Page - Richtek Technology Corporation RT9379 Datasheet HTML 6Page - Richtek Technology Corporation RT9379 Datasheet HTML 7Page - Richtek Technology Corporation RT9379 Datasheet HTML 8Page - Richtek Technology Corporation RT9379 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
RT9379
5
DS9379-01 April 2011
www.richtek.com
Shutdown Current vs. Input Voltage
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
2.8
3
3.2 3.4 3.6 3.8
4
4.2 4.4 4.6 4.8
5
Input Voltage (V)
Typical Operating Characteristics
x1 Mode Quiescent Current vs. Input Voltage
1.00
1.05
1.10
1.15
1.20
1.25
1.30
2.8
3
3.2 3.4 3.6 3.8
4
4.2 4.4 4.6 4.8
5
Input Voltage (V)
x2 Mode Quiescent Current vs. Input Voltage
2.0
2.5
3.0
3.5
4.0
4.5
2.8
3
3.2 3.4 3.6 3.8
4
4.2 4.4 4.6
4.8
5
Input Voltage (V)
VIN = 3.2V
Time (100
μs/Div)
C2P
(2V/Div)
VOUT
(1V/Div)
EN
(5V/Div)
IIN
(200mA/Div)
x1 Mode Inrush Current Response
LED Current vs. Input Voltage
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
2.8
3
3.2 3.4 3.6 3.8
4
4.2 4.4 4.6 4.8
5
Input Voltage (V)
LED1
LED2
LED3
LED4
LED5
LED6
LED VF = 3.02V
Efficiency vs. Input Voltage
0
10
20
30
40
50
60
70
80
90
100
2.8
3
3.2 3.4 3.6 3.8
4
4.2 4.4 4.6 4.8
5
Input Voltage (V)
LED VF = 3.02V


Similar Part No. - RT9379

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9373A RICHTEK-RT9373A Datasheet
274Kb / 11P
   3-Channel Charge Pump White LED Driver with Low Dropout Current Source
RT9378 RICHTEK-RT9378 Datasheet
212Kb / 10P
   4 CHs 100mA x1/x1.5/x2 Charge Pump White LED Driver
More results

Similar Description - RT9379

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9385 RICHTEK-RT9385 Datasheet
224Kb / 10P
   5 Channels 125mA x1/x1.5/x2 Charge Pump White LED Driver
RT9385B RICHTEK-RT9385B Datasheet
218Kb / 10P
   5 Channels 125mA x1/x1.5/x2 Charge Pump White LED Driver
RT9378 RICHTEK-RT9378 Datasheet
212Kb / 10P
   4 CHs 100mA x1/x1.5/x2 Charge Pump White LED Driver
RT9363A RICHTEK-RT9363A Datasheet
184Kb / 11P
   3 Channels 90mA x1/x2 Charge Pump White LED Driver
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
   6-Channel Charge Pump White LED Driver
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
logo
Shanghai awinic technol...
AW9666 AWINIC-AW9666 Datasheet
1Mb / 21P
   6-Channels 1-Wire Brightness Adaptive Four Mode Charge Pump White LED Driver
logo
California Micro Device...
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
   Charge-Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144 Datasheet
310Kb / 12P
   Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com