Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9378 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9378
Description  4 CHs 100mA x1/x1.5/x2 Charge Pump White LED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9378 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9378 Datasheet HTML 2Page - Richtek Technology Corporation RT9378 Datasheet HTML 3Page - Richtek Technology Corporation RT9378 Datasheet HTML 4Page - Richtek Technology Corporation RT9378 Datasheet HTML 5Page - Richtek Technology Corporation RT9378 Datasheet HTML 6Page - Richtek Technology Corporation RT9378 Datasheet HTML 7Page - Richtek Technology Corporation RT9378 Datasheet HTML 8Page - Richtek Technology Corporation RT9378 Datasheet HTML 9Page - Richtek Technology Corporation RT9378 Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
RT9378
10
DS9378-03 April 2011
www.richtek.com
Richtek Technology Corporation
Headquarter
5F, No. 20, Taiyuen Street, Chupei City
Hsinchu, Taiwan, R.O.C.
Tel: (8863)5526789 Fax: (8863)5526611
Information that is provided by Richtek Technology Corporation is believed to be accurate and reliable. Richtek reserves the right to make any change in circuit
design, specification or other related things if necessary without notice at any time. No third party intellectual property infringement of the applications should be
guaranteed by users when integrating Richtek products into any application. No legal responsibility for any said applications is assumed by Richtek.
Richtek Technology Corporation
Taipei Office (Marketing)
5F, No. 95, Minchiuan Road, Hsintien City
Taipei County, Taiwan, R.O.C.
Tel: (8862)86672399 Fax: (8862)86672377
Email: marketing@richtek.com
Outline Dimension
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
0.175
0.250
0.007
0.010
b
0.150
0.250
0.006
0.010
D
1.900
2.100
0.075
0.083
E
1.900
2.100
0.075
0.083
e
0.400
0.016
D2
0.850
0.950
0.033
0.037
E2
0.850
0.950
0.033
0.037
L
0.250
0.350
0.010
0.014
W-Type 12L QFN 2x2 Package
A
A1
A3
D
E
1
D2
E2
L
b
e
SEE DETAIL A
1
1
2
2
Note : The configuration of the Pin #1 identifier is optional,
but must be located within the zone indicated.
DETAIL A
Pin #1 ID and Tie Bar Mark Options


Similar Part No. - RT9378

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9373A RICHTEK-RT9373A Datasheet
274Kb / 11P
   3-Channel Charge Pump White LED Driver with Low Dropout Current Source
RT9379 RICHTEK-RT9379 Datasheet
182Kb / 9P
   6 Channels 150mA x1/x1.5/x2 Charge Pump White LED Driver
More results

Similar Description - RT9378

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9379 RICHTEK-RT9379 Datasheet
182Kb / 9P
   6 Channels 150mA x1/x1.5/x2 Charge Pump White LED Driver
RT9385 RICHTEK-RT9385 Datasheet
224Kb / 10P
   5 Channels 125mA x1/x1.5/x2 Charge Pump White LED Driver
RT9385B RICHTEK-RT9385B Datasheet
218Kb / 10P
   5 Channels 125mA x1/x1.5/x2 Charge Pump White LED Driver
RT9363A RICHTEK-RT9363A Datasheet
184Kb / 11P
   3 Channels 90mA x1/x2 Charge Pump White LED Driver
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
   4 Channel Charge Pump White LED Driver
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
   Charge-Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144 Datasheet
310Kb / 12P
   Charge Pump White LED Driver
logo
California Micro Device...
CM9153 CALMIRCO-CM9153 Datasheet
489Kb / 12P
   Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com