Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9823 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9823
Description  Smart Multi-Voltage Detector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9823 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9823 Datasheet HTML 1Page - Richtek Technology Corporation RT9823 Datasheet HTML 2Page - Richtek Technology Corporation RT9823 Datasheet HTML 3Page - Richtek Technology Corporation RT9823 Datasheet HTML 4Page - Richtek Technology Corporation RT9823 Datasheet HTML 5Page - Richtek Technology Corporation RT9823 Datasheet HTML 6Page - Richtek Technology Corporation RT9823 Datasheet HTML 7Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RT9823
3
DS9823-02 June 2011
www.richtek.com
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VCC Supply Current
IVCC
Without load
--
--
200
μA
VCC Operating Voltage
VCC
2.97
5
5.94
V
VCC POR Rising
VPOR
--
2.8
--
V
VCC POR Hysteresis
VPOR_Hys
--
0.15
--
V
Voltage Detector & MUTE Threshold
V5 High Threshold Voltage
VV5_TH
3.92
4
4.08
V
VADJ High Threshold Voltage
VVADJ_TH
0.98
1
1.02
V
Logic-High VIH
2
--
--
V
Manual Reset Input
Threshold Voltage
Logic-Low VIL
--
--
0.8
V
Voltage Detector Deglitch and Delay
Voltage Detectors Delay Time
tDELAY
200
300
--
ms
Voltage Detectors Deglitch Time tDEGLITCH
--
20
--
μs
Output : Open Drain
CTR Output Low Voltage
VOL_CTR
VCC = 3.3V, 5mA sinking current
at CTR output
--
--
0.3
V
Recommended Operating Conditions
(Note 4)
Junction Temperature Range -------------------------------------------------------------------------------------------
−40°C to 125°C
Absolute Maximum Ratings
(Note 1)
VCC, MR, CTR, V5, VADJ -----------------------------------------------------------------------------------------------
−0.3V to 6.5V
Power Dissipation, PD @ TA = 25
°C
SOT-23-6 --------------------------------------------------------------------------------------------------------------------- 0.4W
Package Thermal Resistance (Note 2)
SOT-23-6,
θJA --------------------------------------------------------------------------------------------------------------- 250°C/W
SOT-23-6,
θJC -------------------------------------------------------------------------------------------------------------- 135°C/W
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Storage Temperature Range ---------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ----------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------------ 200V
(VCC = 5V, TA = 25
°C, unless otherwise specified)
Note 1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device is reliability.
Note 2.
θJA is measured in natural convection at TA = 25°C on a low-effective thermal conductivity test board of JEDEC 51-3
thermal measurement standard. The measurement case position of
θJC is on the lead of the package.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.


Similar Part No. - RT9823

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9824 RICHTEK-RT9824 Datasheet
157Kb / 8P
   Smart Multi-Voltage Detector
RT9824C RICHTEK-RT9824C Datasheet
151Kb / 10P
   Smart Multi-Voltage Detector
RT9827 RICHTEK-RT9827 Datasheet
161Kb / 14P
   Micro-Power Voltage Detector
RT9828 RICHTEK-RT9828 Datasheet
118Kb / 7P
   Dual Micro-Power Voltage Detectors
RT9829 RICHTEK-RT9829 Datasheet
147Kb / 9P
   Dual Push-Button Reset
More results

Similar Description - RT9823

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9824 RICHTEK-RT9824 Datasheet
157Kb / 8P
   Smart Multi-Voltage Detector
RT9824C RICHTEK-RT9824C Datasheet
151Kb / 10P
   Smart Multi-Voltage Detector
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com