Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9363 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9363
Description  Smallest 60mA 3-Channel Charge Pump White LED Driver with Low Dropout Current Source
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9363 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9363 Datasheet HTML 1Page - Richtek Technology Corporation RT9363 Datasheet HTML 2Page - Richtek Technology Corporation RT9363 Datasheet HTML 3Page - Richtek Technology Corporation RT9363 Datasheet HTML 4Page - Richtek Technology Corporation RT9363 Datasheet HTML 5Page - Richtek Technology Corporation RT9363 Datasheet HTML 6Page - Richtek Technology Corporation RT9363 Datasheet HTML 7Page - Richtek Technology Corporation RT9363 Datasheet HTML 8Page - Richtek Technology Corporation RT9363 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
RT9363
3
DS9363-03 April 2011
www.richtek.com
Function Block Diagram
EN
250kHz
OSC
16 Steps Pulse
Dimming Controller
Soft Start
Circuit
Current Source
Shutdown
Delay
VIN
VOUT
Gate Driver
UVLO
CP
Mode Decision
Current
Bias
GND
LED1
LED2
LED3
EN
Check
Current
Limitation
+
-
Vr1
OVP


Similar Part No. - RT9363

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9363A RICHTEK-RT9363A Datasheet
184Kb / 11P
   3 Channels 90mA x1/x2 Charge Pump White LED Driver
More results

Similar Description - RT9363

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9373A RICHTEK-RT9373A Datasheet
274Kb / 11P
   3-Channel Charge Pump White LED Driver with Low Dropout Current Source
RT9368 RICHTEK-RT9368 Datasheet
225Kb / 10P
   4-Channel Charge Pump White LED Driver with Low Dropout Current Source
RT9368A RICHTEK-RT9368A Datasheet
217Kb / 12P
   4-Channel Charge Pump White LED Driver with Low Dropout Current Source
logo
SG Micro Corp
SGM3142 SGMICRO-SGM3142_18 Datasheet
1Mb / 14P
   6-Channel Charge Pump White LED Driver with Low Dropout Current Source
SGM3133 SGMICRO-SGM3133_16 Datasheet
2Mb / 12P
   4-Channel Charge Pump White LED Driver with Low Dropout Current Source
SGM3138 SGMICRO-SGM3138_16 Datasheet
2Mb / 11P
   6-Channel Charge Pump White LED Driver with Low Dropout Current Source
SGM3146 SGMICRO-SGM3146_16 Datasheet
2Mb / 12P
   8-Channel Charge Pump White LED Driver with Low Dropout Current Source
SGM3131 SGMICRO-SGM3131_16 Datasheet
2Mb / 13P
   120mA 4-Channel Charge Pump White LED Driver with Low Dropout Current Source
logo
Advanced Power Electron...
APE1601 A-POWER-APE1601 Datasheet
498Kb / 13P
   White LED Driver (120mA Charge Pump with Current Source)
logo
SG Micro Corp
SGM3127 SGMICRO-SGM3127_18 Datasheet
1Mb / 11P
   White LED Driver with Low Dropout Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com