Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9363 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9363
Description  Smallest 60mA 3-Channel Charge Pump White LED Driver with Low Dropout Current Source
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9363 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9363 Datasheet HTML 1Page - Richtek Technology Corporation RT9363 Datasheet HTML 2Page - Richtek Technology Corporation RT9363 Datasheet HTML 3Page - Richtek Technology Corporation RT9363 Datasheet HTML 4Page - Richtek Technology Corporation RT9363 Datasheet HTML 5Page - Richtek Technology Corporation RT9363 Datasheet HTML 6Page - Richtek Technology Corporation RT9363 Datasheet HTML 7Page - Richtek Technology Corporation RT9363 Datasheet HTML 8Page - Richtek Technology Corporation RT9363 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
RT9363
4
DS9363-03 April 2011
www.richtek.com
Electrical Characteristics
Absolute Maximum Ratings (Note 1)
Supply Input Voltage ------------------------------------------------------------------------------------------------------
−0.3V to 6V
Other I/O Pin Voltages ---------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
TSOT-23-8 ------------------------------------------------------------------------------------------------------------------- 0.455W
Package Thermal Resistance (Note 2)
TSOT-23-8,
θJA ------------------------------------------------------------------------------------------------------------- 220°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------------- 125
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------------ 200V
Recommended Operating Conditions
(Note 4)
Operation Voltage Range ----------------------------------------------------------------------------------------------- 2.8V to 5V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C
(VIN = 3.7V, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Supply Voltage
VIN
2.8
--
5.0
V
Under Voltage Lockout Threshold
VIN Rising
--
2.2
--
V
Under Voltage Lockout Hysteresis
--
100
--
mV
LEDs Current
ILED
100% Setting
--
20
--
mA
Shutdown Current
ISHDN
EN = 0V, VIN = 3.6V
--
3
10
μA
Quiescent Current
IQ
EN = High, VIN = 3.6V, No Load
(VIN connect to LED1~3)
--
1
--
mA
ILED Accuracy
(Note 6)
ILED-ERR
100% Setting, ILED1~3
−8
--
+8
%
Current Matching
(Note 7)
ILED-LED-ERR 100% Setting, ILED1~3
−5
--
+5
%
x1 mode to x2 mode
Transition Voltage (VIN Falling)
VTRANS1X
VLED = 3.4V, IOUT = 45mA
ILED1 = ILED2 = ILED3 = 15mA
--
3.6
--
V
Oscillator Frequency
FOSC
VIN = 3.0V (x2 mode)
--
250
--
kHz
Inrush Current
IINRUSH
--
--
250
mA
Logic-High VIH
1.5
--
--
EN Threshold Voltage
Logic-Low VIL
--
--
0.25
V
Logic-High IIH
VIH = 1.8V, RS = 10kΩ
--
200
--
EN Current
Logic-Low IIL
VIL = GND
--
0.1
10
μA
EN Low Time for Shutdown
TSHDN
2
--
--
ms
EN Low Time for Dimming
TLO
0.1
--
0.3
ms
Short Circuit Current
150
--
300
mA
(To be continued)


Similar Part No. - RT9363

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9363A RICHTEK-RT9363A Datasheet
184Kb / 11P
   3 Channels 90mA x1/x2 Charge Pump White LED Driver
More results

Similar Description - RT9363

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9373A RICHTEK-RT9373A Datasheet
274Kb / 11P
   3-Channel Charge Pump White LED Driver with Low Dropout Current Source
RT9368 RICHTEK-RT9368 Datasheet
225Kb / 10P
   4-Channel Charge Pump White LED Driver with Low Dropout Current Source
RT9368A RICHTEK-RT9368A Datasheet
217Kb / 12P
   4-Channel Charge Pump White LED Driver with Low Dropout Current Source
logo
SG Micro Corp
SGM3142 SGMICRO-SGM3142_18 Datasheet
1Mb / 14P
   6-Channel Charge Pump White LED Driver with Low Dropout Current Source
SGM3133 SGMICRO-SGM3133_16 Datasheet
2Mb / 12P
   4-Channel Charge Pump White LED Driver with Low Dropout Current Source
SGM3138 SGMICRO-SGM3138_16 Datasheet
2Mb / 11P
   6-Channel Charge Pump White LED Driver with Low Dropout Current Source
SGM3146 SGMICRO-SGM3146_16 Datasheet
2Mb / 12P
   8-Channel Charge Pump White LED Driver with Low Dropout Current Source
SGM3131 SGMICRO-SGM3131_16 Datasheet
2Mb / 13P
   120mA 4-Channel Charge Pump White LED Driver with Low Dropout Current Source
logo
Advanced Power Electron...
APE1601 A-POWER-APE1601 Datasheet
498Kb / 13P
   White LED Driver (120mA Charge Pump with Current Source)
logo
SG Micro Corp
SGM3127 SGMICRO-SGM3127_18 Datasheet
1Mb / 11P
   White LED Driver with Low Dropout Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com