Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9011-QQGQW Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9011-QQGQW
Description  Portable Power Management 300mA Dual LDO Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9011-QQGQW Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9011-QQGQW Datasheet HTML 1Page - Richtek Technology Corporation RT9011-QQGQW Datasheet HTML 2Page - Richtek Technology Corporation RT9011-QQGQW Datasheet HTML 3Page - Richtek Technology Corporation RT9011-QQGQW Datasheet HTML 4Page - Richtek Technology Corporation RT9011-QQGQW Datasheet HTML 5Page - Richtek Technology Corporation RT9011-QQGQW Datasheet HTML 6Page - Richtek Technology Corporation RT9011-QQGQW Datasheet HTML 7Page - Richtek Technology Corporation RT9011-QQGQW Datasheet HTML 8Page - Richtek Technology Corporation RT9011-QQGQW Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
RT9011
4
DS9011-08 April 2011
www.richtek.com
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Voltage
VIN = 2.5V to 5.5V
2.5
--
5.5
V
Dropout Voltage
(Note 5)
VDROP IOUT = 300mA
--
240
330
mV
Output voltage range
VOUT
1.2
--
3.6
V
VOUT Accuracy
ΔV
IOUT = 1mA to 300mA
−3
--
+3
%
Line Regulation
ΔVLINE
VIN = (VOUT + 0.3V) to 5.5V or
VIN > 2.5V, whichever is larger
--
--
0.2
%/V
Load Regulation
ΔVLOAD 1mA < IOUT< 300mA
--
--
0.6
%
Current Limit
RLOAD = 1Ω
330
450
700
mA
Quiescent Current
IQ
VEN > 1.5V
--
58
80
μA
Shutdown Current
IQ_SD
VEN < 0.4V
--
--
1
μA
VIH
VIN = 2.5V to 5.5V, Power On
1.5
--
--
EN Threshold
VIL
VIN = 2.5V to 5.5V, Shutdown
--
--
0.4
V
(VIN = VOUT + 1V, VEN = VIN, CIN = COUT = 1
μF, TA = −40°C to 85°C, unless otherwise specified.)
To be continued
Recommended Operating Conditions
(Note 4)
Supply Input Voltage ------------------------------------------------------------------------------------------------------ 2.5V to 5.5V
Enable Input Voltage ------------------------------------------------------------------------------------------------------ 0V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------------
40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
40°C to 85°C
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage ------------------------------------------------------------------------------------------------------
0.3V to 7V
Other I/O Pin Voltages ---------------------------------------------------------------------------------------------------
0.3V to 7V
Power Dissipation, PD @ TA = 25
°C
TSOT-23-6 ------------------------------------------------------------------------------------------------------------------- 0.455W
WDFN-8L 2x2 -------------------------------------------------------------------------------------------------------------- 0.606W
WDFN-10L 3x3 ------------------------------------------------------------------------------------------------------------- 0.926W
WDFN-8L 3x3 -------------------------------------------------------------------------------------------------------------- 0.926W
WDFN-6L 1.6x1.6 --------------------------------------------------------------------------------------------------------- 0.571W
Package Thermal Resistance (Note 2)
TSOT-23-6,
θJA ------------------------------------------------------------------------------------------------------------- 220°C/W
WDFN-8L 2x2,
θJA --------------------------------------------------------------------------------------------------------- 165°C/W
WDFN-10L 3x3,
θJA ------------------------------------------------------------------------------------------------------- 108°C/W
WDFN-8L 3x3,
θJA --------------------------------------------------------------------------------------------------------- 108°C/W
WDFN-6L 1.6x1.6,
θJA ---------------------------------------------------------------------------------------------------- 175°C/W
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------------ 200V


Similar Part No. - RT9011-QQGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9011-QQGQW RICHTEK-RT9011-QQGQW Datasheet
336Kb / 12P
   Portable Power Management 300mA Dual LDO Regulator
More results

Similar Description - RT9011-QQGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9054 RICHTEK-RT9054 Datasheet
306Kb / 11P
   Portable Power Management 300mA Dual LDO Regulator
RT9011 RICHTEK-RT9011 Datasheet
336Kb / 12P
   Portable Power Management 300mA Dual LDO Regulator
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
Unisonic Technologies
LR9XXYY UTC-LR9XXYY Datasheet
166Kb / 5P
   300mA SMALL DUAL LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Holtek Semiconductor In...
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
   High PSRR 300mA Dual LDO Regulator
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Unisonic Technologies
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
   300mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com