Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9147 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9147
Description  20V, 1A, Rail-to-Rail Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9147 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9147 Datasheet HTML 3Page - Richtek Technology Corporation RT9147 Datasheet HTML 4Page - Richtek Technology Corporation RT9147 Datasheet HTML 5Page - Richtek Technology Corporation RT9147 Datasheet HTML 6Page - Richtek Technology Corporation RT9147 Datasheet HTML 7Page - Richtek Technology Corporation RT9147 Datasheet HTML 8Page - Richtek Technology Corporation RT9147 Datasheet HTML 9Page - Richtek Technology Corporation RT9147 Datasheet HTML 10Page - Richtek Technology Corporation RT9147 Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
RT9146/7
10
DS9146/7-02
February 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Outline Dimension
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
0.175
0.250
0.007
0.010
b
0.200
0.300
0.008
0.012
D
2.950
3.050
0.116
0.120
D2
2.100
2.350
0.083
0.093
E
2.950
3.050
0.116
0.120
E2
1.350
1.600
0.053
0.063
e
0.650
0.026
L
0.425
0.525
0.017
0.021
W-Type 8L DFN 3x3 Package
1
1
2
2
Note : The configuration of the Pin #1 identifier is optional,
but must be located within the zone indicated.
DETAIL A
Pin #1 ID and Tie Bar Mark Options
D
1
E
A3
A
A1
D2
E2
L
b
e
SEE DETAIL A


Similar Part No. - RT9147

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9147ZQW RICHTEK-RT9147ZQW Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
More results

Similar Description - RT9147

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9148 RICHTEK-RT9148 Datasheet
147Kb / 13P
   20V, 350mA, Rail-to-Rail Operational Amplifier
logo
Intersil Corporation
ISL24021IRT065Z-T7A INTERSIL-ISL24021IRT065Z-T7A Datasheet
606Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
October 18, 2011
ISL24021 INTERSIL-ISL24021 Datasheet
333Kb / 12P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
ISL24021 RENESAS-ISL24021 Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
ON Semiconductor
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com