Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD6806CX4-21H Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LD6806CX4-21H
Description  DC/DC SWITCHING REGULATORS, LOW-VOLTAGE LDOS, MID-VOLTAGE LDOS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LD6806CX4-21H Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LD6806CX4-21H Datasheet HTML 7Page - NXP Semiconductors LD6806CX4-21H Datasheet HTML 8Page - NXP Semiconductors LD6806CX4-21H Datasheet HTML 9Page - NXP Semiconductors LD6806CX4-21H Datasheet HTML 10Page - NXP Semiconductors LD6806CX4-21H Datasheet HTML 11Page - NXP Semiconductors LD6806CX4-21H Datasheet HTML 12Page - NXP Semiconductors LD6806CX4-21H Datasheet HTML 13Page - NXP Semiconductors LD6806CX4-21H Datasheet HTML 14Page - NXP Semiconductors LD6806CX4-21H Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
Standard linear brochure
Package
DFN1010C-4 (SOT1194)
SOT753
Size (mm)
1.0 x 1.0 x 0.55
2.9 x 1.5 x 1.0
P
tot @ °C (mW)
400
800
V
IN
(V)
I
OUT
typ
(mA)
Quiescent
current
(μA)
V
do drop @
150 mA
typ (mV)
Output
noise typ
(μVrms)
PSRR @
1 kHz dB
Output
voltage
V*
LD6805K/xxH
high-omic
output stage
LD6805K/xxP
pull-down
output stage
LD6815TD/
xxH
high-omic
output stage
LD6815TD/xxP
pull-down
output stage
2.3 - 5.5
150
35
250
40
75
1.2
LD6805K/12H
LD6805K/12P
LD6815TD/12H LD6815TD/12P
1.3
LD6805K/13H
LD6805K/13P
1.4
LD6805K/14H
LD6805K/14P
-
-
1.5
LD6805K/15H
LD6805K/15P
LD6815TD/15H LD6815TD/15P
1.6
LD6805K/16H
LD6805K/16P
-
-
1.8
LD6805K/18H
LD6805K/18P
LD6815TD/18H LD6815TD/18P
1.85
LD6805K/185H
-
-
-
2.0
LD6805K/20H
LD6805K/20P
-
-
2.1
LD6805K/21H
LD6805K/21P
LD6815TD/21H LD6815TD/21P
2.2
LD6805K/22H
LD6805K/22P
-
-
2.3
LD6805K/23H
LD6805K/23P
-
-
2.5
LD6805K/25H
LD6805K/25P
LD6815TD/25H LD6815TD/25P
2.8
LD6805K/28H
LD6805K/28P
LD6815TD/28H LD6815TD/28P
2.9
LD6805K/29H
LD6805K/29P
LD6815TD/29H LD6815TD/29P
3.0
LD6805K/30H
LD6805K/30P
LD6815TD/30H LD6815TD/30P
3.1
LD6805K/31H
LD6805K/31P
-
-
3.3
LD6805K/33H
LD6805K/33P
LD6815TD/33H LD6815TD/33P
3.6
LD6805K/36H
LD6805K/36P
LD6815TD/36H LD6815TD/36P
* Other output voltages are available on request
LD6805 and LD6815 high-PSRR low-dropout voltage regulators – 150 mA
Key features
` High power supply ripple rejection (PSRR)
` Very low quiescent current and low noise (40 µVrms)
` Small package size
Key benefits
` Very small package for mobile applications
` Very low standby and supply current for battery-powered solutions
` No additional noise bypass capacitor needed
Key applications
` Mobile phones, PC tablets, DSCs (digital still cameras),
video cameras, game pads, notebooks, netbooks,
ultrabooks
types in bold represent new products
Functional diagram: High-ohmic output
Functional diagram: Auto-discharge (pull-down)
Remark: Version with high-ohmic output during disable (e.g. LD6805K/12H)
Remark: Version with auto-discharge during disable (e.g. LD6805K/12P)
High-PSRR LDO in very small DFN package
State-of-the-art dual-flat no-leads (DFN) package technology
Dimensions of only 1.0 x 1.0 x 0.55 mm
High power dissipation of 400 mW


Similar Part No. - LD6806CX4-21H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LD6806CX4 PHILIPS-LD6806CX4 Datasheet
2Mb / 36P
   Ultra low-dropout regulator, low noise, 200 mA
Rev. 3-9 December 2011
More results

Similar Description - LD6806CX4-21H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK20P04M1 TOSHIBA-TK20P04M1 Datasheet
243Kb / 9P
   DC-DC Converters Switching Voltage Regulators
TPN1600ANH TOSHIBA-TPN1600ANH Datasheet
235Kb / 9P
   DC-DC Converters Switching Voltage Regulators Motor Drivers
TK70J04K3Z TOSHIBA-TK70J04K3Z Datasheet
244Kb / 9P
   Switching Voltage Regulators DC-DC Converters Motor Drivers
TPN22006NH TOSHIBA-TPN22006NH Datasheet
231Kb / 9P
   Switching Voltage Regulators Motor Drivers DC-DC Converters
logo
Skyworks Solutions Inc.
AAT2612 SKYWORKS-AAT2612 Datasheet
4Mb / 18P
   Step-Down DC/DC Converter With Three High PSRR LDOs
logo
Toshiba Semiconductor
TJ8S06M3L TOSHIBA-TJ8S06M3L Datasheet
247Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TK8S06K3L TOSHIBA-TK8S06K3L Datasheet
243Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TJ30S06M3L TOSHIBA-TJ30S06M3L Datasheet
245Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TJ60S04M3L TOSHIBA-TJ60S04M3L Datasheet
246Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TJ40S04M3L TOSHIBA-TJ40S04M3L Datasheet
241Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com