Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9011-MBPJ6 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9011-MBPJ6
Description  Portable Power Management 300mA Dual LDO Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9011-MBPJ6 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9011-MBPJ6 Datasheet HTML 5Page - Richtek Technology Corporation RT9011-MBPJ6 Datasheet HTML 6Page - Richtek Technology Corporation RT9011-MBPJ6 Datasheet HTML 7Page - Richtek Technology Corporation RT9011-MBPJ6 Datasheet HTML 8Page - Richtek Technology Corporation RT9011-MBPJ6 Datasheet HTML 9Page - Richtek Technology Corporation RT9011-MBPJ6 Datasheet HTML 10Page - Richtek Technology Corporation RT9011-MBPJ6 Datasheet HTML 11Page - Richtek Technology Corporation RT9011-MBPJ6 Datasheet HTML 12Page - Richtek Technology Corporation RT9011-MBPJ6 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
RT9011
9
DS9011-08 April 2011
www.richtek.com
Applications Information
Like any low-dropout regulator, the external capacitors used
with the RT9011 must be carefully selected for regulator
stability and performance. Using a capacitor whose value
is > 1
μF on the RT9011 input and the amount of capacitance
can be increased without limit. The input capacitor must
be located a distance of not more than 0.5 inch from the
input pin of the IC and returned to a clean analog ground.
Any good quality ceramic or tantalum can be used for this
capacitor. The capacitor with larger value and lower ESR
(equivalent series resistance) provides better PSRR and
line-transient response.
The output capacitor must meet both requirements for
minimum amount of capacitance and ESR in all LDOs
application. The RT9011 is designed specifically to work
with low ESR ceramic output capacitor in space-saving
and performance consideration. Using a ceramic capacitor
whose value is at least 1
μF with ESR is > 20mΩ on the
RT9011 output ensures stability. The RT9011 still works
well with output capacitor of other types due to the wide
stable ESR range. Figure 1. shows the curves of allowable
ESR range as a function of load current for various output
capacitor values. Output capacitor of larger capacitance
can reduce noise and improve load transient response,
stability, and PSRR. The output capacitor should be located
not more than 0.5 inch from the VOUT pin of the RT9011
and returned to a clean analog ground.
Figure 1. Stable Cout ESR Range
V
OUT Short to GND
0.4V
V
OUT
I
OUT
TSD
OTP Trip Point
170 C
° 110 C
°
110 C
°
80 C
°
IC Temperature
Figure 2. Short Circuit Thermal Folded Back Protection
when Output Short Circuit Occurs (Patent)
Thermal Considerations
Thermal protection limits power dissipation in RT9011.
When the operation junction temperature exceeds 170
°C,
the OTP circuit starts the thermal shutdown function and
turns the pass element off. The pass element turns on
again after the junction temperature cools by 40
°C.
RT9011 lowers its OTP trip level from 170
°C to 110°C
when output short circuit occurs (VOUT < 0.4V) as shown
in Figure 2. It limits IC case temperature under 100
°C and
provides maximum safety to customer while output short
circuit occurring.
For continuous operation, do not exceed absolute
maximum operation junction temperature 125
°C. The
power dissipation definition in device is :
PD = (VIN-VOUT) x IOUT + VIN x IQ
The maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of
surroundings airflow and temperature difference between
junction to ambient. The maximum power dissipation can
be calculated by following formula :
PD(MAX) = ( TJ(MAX) - TA ) /
θJA
Where TJ(MAX) is the maximum operation junction
temperature, TA is the ambient temperature and the
θJAis
the junction to ambient thermal resistance.
Region of Stable COUT ESR vs. Load Current
0.001
0.01
0.1
1
10
100
0
50
100
150
200
250
300
Load Current (mA)
Unstable Range
Stable Range
Simulation Verify
RT9011-FM, VIN = 5V
CIN = COUT1 = COUT2 = 1uF/X7R


Similar Part No. - RT9011-MBPJ6

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9011-MBPJ6 RICHTEK-RT9011-MBPJ6 Datasheet
336Kb / 12P
   Portable Power Management 300mA Dual LDO Regulator
More results

Similar Description - RT9011-MBPJ6

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9054 RICHTEK-RT9054 Datasheet
306Kb / 11P
   Portable Power Management 300mA Dual LDO Regulator
RT9011 RICHTEK-RT9011 Datasheet
336Kb / 12P
   Portable Power Management 300mA Dual LDO Regulator
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
Unisonic Technologies
LR9XXYY UTC-LR9XXYY Datasheet
166Kb / 5P
   300mA SMALL DUAL LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Holtek Semiconductor In...
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
   High PSRR 300mA Dual LDO Regulator
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Unisonic Technologies
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
   300mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com