Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9011-PPPJ6 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9011-PPPJ6
Description  Portable Power Management 300mA Dual LDO Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9011-PPPJ6 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9011-PPPJ6 Datasheet HTML 1Page - Richtek Technology Corporation RT9011-PPPJ6 Datasheet HTML 2Page - Richtek Technology Corporation RT9011-PPPJ6 Datasheet HTML 3Page - Richtek Technology Corporation RT9011-PPPJ6 Datasheet HTML 4Page - Richtek Technology Corporation RT9011-PPPJ6 Datasheet HTML 5Page - Richtek Technology Corporation RT9011-PPPJ6 Datasheet HTML 6Page - Richtek Technology Corporation RT9011-PPPJ6 Datasheet HTML 7Page - Richtek Technology Corporation RT9011-PPPJ6 Datasheet HTML 8Page - Richtek Technology Corporation RT9011-PPPJ6 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RT9011
1
DS9011-08 April 2011
www.richtek.com
Ordering Information
General Description
The RT9011 is a dual channel, low noise, and low dropout
regulator sourcing up to 300mA at each channel. The range
of output voltage is from 1.2V to 3.6V by operating from
2.5V to 5.5V input.
The RT9011 offers 2% accuracy, extremely low dropout
voltage (240mV @ 300mA), and extremely low ground
current, only 27
μA per LDO. The shutdown current is near
zero current which is suitable for battery-power devices.
Other features include current limiting, over temperature,
output short circuit protection.
The RT9011 is short circuit thermal folded back protected.
The IC lowers its OTP trip point from 165
°C to 110°C when
output short circuit occurs (VOUT < 0.4V) providing
maximum safety to end users.
The RT9011 can operate stably with very small ceramic
output capacitors, reducing required board space and
component cost. The RT9011 is available in fixed output
voltages in the TSOT-23-6, WDFN-8L 2x2, WDFN-10L 3x3,
WDFN-8L 3x3 and WDFN-6L 1.6x1.6 packages.
Portable Power Management 300mA Dual LDO Regulator
Features
Wide Operating Voltage Ranges : 2.5V to 5.5V
Low-Noise for RF Application
No Noise Bypass Capacitor Required
Fast Response in Line/Load Transient
TTL-Logic-Controlled Shutdown Input
Low Temperature Coefficient
Dual LDO Outputs (300mA/300mA)
Ultra-low Quiescent Current 27
μμμμμA/LDO
High Output Accuracy 2%
Short Circuit Protection
Thermal Shutdown Protection
Current Limit Protection
Short Circuit Thermal Folded Back Protection
Tiny TSOT-23-6 and 6-Lead/8-Lead/10-Lead WDFN
Packages
RoHS Compliant and 100% Lead (Pb)-Free
Applications
CDMA/GSM Cellular Handsets
Battery-Powered Equipment
Laptop, Palmtops, Notebook Computers
Hand-Held Instruments
PCMCIA Cards
Portable Information Appliances
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Code
Voltage
Code
Voltage
Code
Voltage
A
3.5
B
1.3
C
1.2
D
1.85
E
2.1
F
1.5
G
1.8
H
2
J
2.5
K
2.6
L
2.7
M
2.8
N
2.85
P
3
Q
3.1
R
3.2
S
3.3
T
2.65
V
2.9
W
1.6
X
3.15
Y
1.9
Available Voltage Version
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
RT9011-
Package Type
J6 : TSOT-23-6
QW : WDFN-8L 2x2 (W-Type)
QWA : WDFN-10L 3x3 (W-Type)
QWB : WDFN-8L 3x3 (W-Type)
QWC : WDFN-6L 1.6x1.6 (W-Type)
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)
Output Voltage : VOUT1/VOUT2
VOUT2 > VOUT1 is Recommended


Similar Part No. - RT9011-PPPJ6

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9011-PPPJ6 RICHTEK-RT9011-PPPJ6 Datasheet
336Kb / 12P
   Portable Power Management 300mA Dual LDO Regulator
More results

Similar Description - RT9011-PPPJ6

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9054 RICHTEK-RT9054 Datasheet
306Kb / 11P
   Portable Power Management 300mA Dual LDO Regulator
RT9011 RICHTEK-RT9011 Datasheet
336Kb / 12P
   Portable Power Management 300mA Dual LDO Regulator
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
Unisonic Technologies
LR9XXYY UTC-LR9XXYY Datasheet
166Kb / 5P
   300mA SMALL DUAL LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Holtek Semiconductor In...
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
   High PSRR 300mA Dual LDO Regulator
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Unisonic Technologies
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
   300mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com