Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5723 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5723
Description  MAX5725A Evaluation Kit
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5723 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5723 Datasheet HTML 6Page - Maxim Integrated Products MAX5723 Datasheet HTML 7Page - Maxim Integrated Products MAX5723 Datasheet HTML 8Page - Maxim Integrated Products MAX5723 Datasheet HTML 9Page - Maxim Integrated Products MAX5723 Datasheet HTML 10Page - Maxim Integrated Products MAX5723 Datasheet HTML 11Page - Maxim Integrated Products MAX5723 Datasheet HTML 12Page - Maxim Integrated Products MAX5723 Datasheet HTML 13Page - Maxim Integrated Products MAX5723 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
JUMPER
SHUNT POSITION
DESCRIPTION
JU1
1-2*
Connects the CS signal of the on-board microcontroller to the CS pin of IC U1.
2-3
Do not install.
Not installed
User-supplied CS. Apply an appropriate signal at header pin H1-1.
JU2
1-2*
Connects the SCLK signal of the on-board microcontroller to the CS pin of IC U1.
2-3
Do not install.
Not installed
User-supplied SCLK. Apply an appropriate signal at header pin H1-3.
JU3
1-2
Do not install.
1-3*
Connects the DIN signal of the on-board microcontroller to the DIN pin of IC U1.
1-4
Do not install.
JU4
1-2
Do not install.
1-3*
Connects the DOUT signal of the on-board microcontroller to the DOUT pin of IC U1.
1-4
Do not install.
JU5
1-2
Connects the LDAC pin of IC U1 to VDDIO.
1-3*
Connects the LDAC signal of the on-board microcontroller to the LDAC pin of IC U1.
1-4
Connects the LDAC pin of IC U1 to GND.
JU6
Installed*
Connects the CLR signal of the on-board microcontroller to the CLR pin of IC U1.
Not installed
User-supplied CLR. Apply an appropriate signal at header pin H1-15.
JU7
Installed
Do not install.
Not installed*
Disconnects pullup resistor R1 from the CS pin of IC U1.
JU8
Installed
Do not install.
Not installed*
Disconnects pullup resistor R2 from the SCLK pin of IC U1.
JU9
1-2*
Connects the VDDIO pin of IC U1 to the on-board 3.3V supply.
2-3
Connects the VDDIO pin of IC U1 to a user-supplied power supply between 1.7V and 5.5V
(VDDIO_EXT).
JU10
1-2*
Connects the VDD pin of IC U1 to the on-board +3.3V supply.
2-3
Connects the VDD pin of IC U1 to a user-supplied power supply between 2.7V and
5.5V (VDD_EXT).
JU11
1-2
User-supplied REF. The user must apply a voltage reference at the REF_EXT PCB pad.
2-3*
Connects the on-board voltage reference IC (U7) to the REF pin of IC U1.
JU12
Installed*
Connects the M/Z pin of IC U1 to VDD.
Not installed
Connects the M/Z pin of IC U1 to 100kI pulldown resistor.
JU13
1-2*
Powers IC U7 using the USB supply.
2-3
Powers IC U7 using the user-supplied power supply.
JU14
Installed*
Connects additional bypass capacitor C36 on the REF pin of IC U1.
Not installed
Disconnect additional bypass capacitor C36 on the REF pin of IC U1.
________________________________________________________________ Maxim Integrated Products 10
Evaluates: MAX5723/MAX5724/
MAX5725A/MAX5725B
MAX5725A Evaluation Kit
Table 1. Jumper Settings (JU1–JU14)
*Default position.


Similar Part No. - MAX5723

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5723 MAXIM-MAX5723 Datasheet
4Mb / 35P
   Ultra-Small, Octal-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 3/12
MAX5723AUP++ MAXIM-MAX5723AUP+ Datasheet
4Mb / 35P
   Ultra-Small, Octal-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 3/12
More results

Similar Description - MAX5723

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com