Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9715CGQW Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9715CGQW
Description  90m廓, 2A/1.5A/1.1A/0.7A High-Side Power Switches with Flag
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9715CGQW Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9715CGQW Datasheet HTML 1Page - Richtek Technology Corporation RT9715CGQW Datasheet HTML 2Page - Richtek Technology Corporation RT9715CGQW Datasheet HTML 3Page - Richtek Technology Corporation RT9715CGQW Datasheet HTML 4Page - Richtek Technology Corporation RT9715CGQW Datasheet HTML 5Page - Richtek Technology Corporation RT9715CGQW Datasheet HTML 6Page - Richtek Technology Corporation RT9715CGQW Datasheet HTML 7Page - Richtek Technology Corporation RT9715CGQW Datasheet HTML 8Page - Richtek Technology Corporation RT9715CGQW Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
RT9715
5
DS9715-03 April 2011
www.richtek.com
Typical Operating Characteristics
On Resistance vs. Input Voltage
90
92
94
96
98
100
102
104
106
108
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
IOUT = 2A
SOP-8
SOT-23-5
On Resistance vs. Temperature
70
75
80
85
90
95
100
105
110
115
120
125
-40
-25
-10
5
20
35
50
65
80
Temperature
VIN = 5V, IOUT = 2A
SOP-8
SOT-23-5
(
°C)
Quiescent Current vs. Input Voltage
40
42
44
46
48
50
52
54
56
58
60
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
No Load
Quiescent Current vs. Temperature
50
51
52
53
54
55
56
57
58
59
60
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature (
°C)
VIN = 5V,No Load
Shutdown Current vs. Input Voltage
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
No Load
Shutdown Current vs. Temperature
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature (°C)
VIN = 5V


Similar Part No. - RT9715CGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9715CGB RICHTEK-RT9715CGB Datasheet
240Kb / 12P
   Reverse Blocking Current
RT9715CGB RICHTEK-RT9715CGB Datasheet
338Kb / 15P
   Operating Range : 2.7V to 5.5V, Reverse Blocking Current
RT9715CGF RICHTEK-RT9715CGF Datasheet
338Kb / 15P
   Operating Range : 2.7V to 5.5V, Reverse Blocking Current
RT9715CGF RICHTEK-RT9715CGF Datasheet
240Kb / 12P
   Reverse Blocking Current
More results

Similar Description - RT9715CGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9712 RICHTEK-RT9712 Datasheet
315Kb / 14P
   90m廓, 1A/1.5A High-Side Dual Power Switches with Flag
logo
Union Semiconductor, In...
UM9711 UNIONSEMI-UM9711 Datasheet
474Kb / 10P
   90m(ohm), 1.5A High-Side Power Switches with Flag
logo
Richtek Technology Corp...
RT9702 RICHTEK-RT9702 Datasheet
251Kb / 16P
   80m廓, 500mA/1.1A High-Side Power Switches with Flag
RT9702 RICHTEK-RT9702_11 Datasheet
364Kb / 16P
   80m廓, 500mA/1.1A High Side Power Switches with Flag
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9711 RICHTEK-RT9711_11 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
logo
Unisonic Technologies
US203 UTC-US203_11 Datasheet
254Kb / 7P
   80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
US204 UTC-US204 Datasheet
249Kb / 6P
   100m廓, 1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9711A RICHTEK-RT9711A_11 Datasheet
261Kb / 17P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
logo
Unisonic Technologies
US203 UTC-US203 Datasheet
269Kb / 8P
   80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com