Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD6915LX Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LD6915LX
Description  DC/DC SWITCHING REGULATORS, LOW-VOLTAGE LDOS, MID-VOLTAGE LDOS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LD6915LX Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LD6915LX Datasheet HTML 5Page - NXP Semiconductors LD6915LX Datasheet HTML 6Page - NXP Semiconductors LD6915LX Datasheet HTML 7Page - NXP Semiconductors LD6915LX Datasheet HTML 8Page - NXP Semiconductors LD6915LX Datasheet HTML 9Page - NXP Semiconductors LD6915LX Datasheet HTML 10Page - NXP Semiconductors LD6915LX Datasheet HTML 11Page - NXP Semiconductors LD6915LX Datasheet HTML 12Page - NXP Semiconductors LD6915LX Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
Standard linear brochure
LD6806 ultra low-dropout voltage regulators – 200 mA
Key features
` Ultra low-dropout voltage (60 mV @ 200 mA)
` Very low output noise (30 µVrms)
` Thermal shutdown protection and current
limiter
Key benefits
` Very small WLCSP package
` Very low standby and supply current for
battery-powered solutions
` No additional noise bypass capacitor
needed
Key applications
` Mobile phones, PC tablets, DSCs (digital
still cameras), video cameras, game pads,
notebooks, netbooks, ultrabooks
Package
WLCSP4
DFN1410-6 (SOT886)
SOT753
Size (mm)
0.76 × 0.76 × 0.47
1.45 x 1.0 x 0.5
2.9 x 1.5 x 1.0
P
tot @°C (mW)
770
450
800
V
IN
(V)
I
OUT
typ
(mA)
Quiescent
current
(μA)
V
do drop
@
200 mA
typ (mV)
Output
noise
typ
(μVrms)
PSRR
@
1 kHz
dB
Output
voltage
V*
LD6806CX4/xxH
high-ohmic
output stage
LD6806CX4/xxP
pull-down
output stage
LD6806F/xxH
high-ohmic
output stage
LD6806F/xxP
pull-down
output stage
LD6806TD/xxH
high-ohmic
output stage
LD6806TD/xxP
pull-down
output stage
2.3 - 5.5
200
70
60
30
55
1.2
LD6806CX4/20H LD6806CX4/20P
LD6806F/20H
LD6806F/20P
LD6806TD/20H
LD6806TD/20P
1.3
LD6806CX4/21H LD6806CX4/21P
LD6806F/21H
LD6806F/21P
LD6806TD/21H
LD6806TD/21P
1.4
LD6806CX4/14H LD6806CX4/14P
LD6806F/14H
LD6806F/14P
LD6806TD/14H
LD6806TD/14P
1.5
LD6806CX4/15H LD6806CX4/15P
LD6806F/15H
LD6806F/15P
LD6806TD/15H
LD6806TD/15P
1.6
LD6806CX4/16H LD6806CX4/16P
LD6806F/16H
LD6806F/16P
LD6806TD/16H
LD6806TD/16P
1.8
LD6806CX4/18H LD6806CX4/18P
LD6806F/18H
LD6806F/18P
LD6806TD/18H
LD6806TD/18P
2.0
LD6806CX4/20H LD6806CX4/20P
LD6806F/20H
LD6806F/20P
LD6806TD/20H
LD6806TD/20P
2.1
LD6806CX4/21H LD6806CX4/21P
LD6806F/21H
LD6806F/21P
LD6806TD/21H
LD6806TD/21P
2.2
LD6806CX4/22H LD6806CX4/22P
LD6806F/22H
LD6806F/22P
LD6806TD/22H
LD6806TD/22P
2.3
LD6806CX4/23H LD6806CX4/23P
LD6806F/23H
LD6806F/23P
LD6806TD/23H
LD6806TD/23P
2.5
LD6806CX4/25H LD6806CX4/25P
LD6806F/25H
LD6806F/25P
LD6806TD/25H
LD6806TD/25P
2.7
LD6806CX4/27H LD6806CX4/27P
LD6806F/27H
LD6806F/27P
LD6806TD/27H
LD6806TD/27P
2.8
LD6806CX4/28H LD6806CX4/28P
LD6806F/28H
LD6806F/28P
LD6806TD/28H
LD6806TD/28P
2.9
LD6806CX4/29H LD6806CX4/29P
LD6806F/29H
LD6806F/29P
LD6806TD/29H
LD6806TD/29P
3.0
LD6806CX4/30H LD6806CX4/30P
LD6806F/30H
LD6806F/30P
LD6806TD/30H
LD6806TD/30P
3.3
LD6806CX4/33H LD6806CX4/33P
LD6806F/33H
LD6806F/33P
LD6806TD/33H
LD6806TD/33P
3.6
LD6806CX4/36H LD6806CX4/36P
LD6806F/36H
LD6806F/36P
LD6806TD/36H
LD6806TD/36P
* Other output voltages are available on request
LDO Naming Convention
LD6xxxX/xx[H; P]
L D 6 8 0 6 F /C2 8 HD
LDO Type Number
Output Current
0 < 150 mA
1 = 150 mA
2 = 200 mA
3 = 300 mA
Feature Group
5/8 = High PSRR
6 = Low Dropout
Package Identifier
CX4
= WLCSP4
CX6
= WLCSP6
F
= DFN1410 (SOT886)
K
= DFN1010C (SOT1194)
L
= DFN1612-8 (SOT1225)
LX
= DFN1212-6
TD
= SOT753 (SOT23-5)
Output Voltage(s)
13 = 1.2 VOUT
14 = 1.3 VOUT
140 = 14.0 VOUT
1833 = 1.8 VOUT LDO #1
3.3 VOUT LDO #2
Output Stage
H = High-Ohmic
P = Auto Discharge,
Pull-Down
Product Group
8 = Single Channel
9 = Dual Channel
Special Features
A = Adjustable
C = Backcoating
Special Features
D = Delay Circuit for
Dual LDO/2nd
Channel
Part numbering for LDOs
LDOs in very small DFN package
State-of-the-art dual-flat no-leads (DFN) package technology
Dimensions of only 1.45 x 1.0 x 0.5 mm
High power dissipation of 450 mW


Similar Part No. - LD6915LX

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD6919 LEADTREND-LD6919 Datasheet
297Kb / 14P
   500mA, Ultra-Low Noise, High PSRR CMOS LDO Regulator with Soft Start Function
LD6919GDAW-SYWX LEADTREND-LD6919GDAW-SYWX Datasheet
297Kb / 14P
   500mA, Ultra-Low Noise, High PSRR CMOS LDO Regulator with Soft Start Function
LD6919GDAW-YWJ19 LEADTREND-LD6919GDAW-YWJ19 Datasheet
297Kb / 14P
   500mA, Ultra-Low Noise, High PSRR CMOS LDO Regulator with Soft Start Function
LD6919GL-SYWX LEADTREND-LD6919GL-SYWX Datasheet
297Kb / 14P
   500mA, Ultra-Low Noise, High PSRR CMOS LDO Regulator with Soft Start Function
LD6919GL-YWJ19 LEADTREND-LD6919GL-YWJ19 Datasheet
297Kb / 14P
   500mA, Ultra-Low Noise, High PSRR CMOS LDO Regulator with Soft Start Function
More results

Similar Description - LD6915LX

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK20P04M1 TOSHIBA-TK20P04M1 Datasheet
243Kb / 9P
   DC-DC Converters Switching Voltage Regulators
TPN1600ANH TOSHIBA-TPN1600ANH Datasheet
235Kb / 9P
   DC-DC Converters Switching Voltage Regulators Motor Drivers
TK70J04K3Z TOSHIBA-TK70J04K3Z Datasheet
244Kb / 9P
   Switching Voltage Regulators DC-DC Converters Motor Drivers
TPN22006NH TOSHIBA-TPN22006NH Datasheet
231Kb / 9P
   Switching Voltage Regulators Motor Drivers DC-DC Converters
logo
Skyworks Solutions Inc.
AAT2612 SKYWORKS-AAT2612 Datasheet
4Mb / 18P
   Step-Down DC/DC Converter With Three High PSRR LDOs
logo
Toshiba Semiconductor
TJ8S06M3L TOSHIBA-TJ8S06M3L Datasheet
247Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TK8S06K3L TOSHIBA-TK8S06K3L Datasheet
243Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TJ30S06M3L TOSHIBA-TJ30S06M3L Datasheet
245Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TJ60S04M3L TOSHIBA-TJ60S04M3L Datasheet
246Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TJ40S04M3L TOSHIBA-TJ40S04M3L Datasheet
241Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com