Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

143-2016-001 Datasheet(PDF) 11 Page - ITT Industries

Part # 143-2016-001
Description  Cannon Rack & Panel Connectors
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

143-2016-001 Datasheet(HTML) 11 Page - ITT Industries

Back Button 143-2016-001 Datasheet HTML 7Page - ITT Industries 143-2016-001 Datasheet HTML 8Page - ITT Industries 143-2016-001 Datasheet HTML 9Page - ITT Industries 143-2016-001 Datasheet HTML 10Page - ITT Industries 143-2016-001 Datasheet HTML 11Page - ITT Industries 143-2016-001 Datasheet HTML 12Page - ITT Industries 143-2016-001 Datasheet HTML 13Page - ITT Industries 143-2016-001 Datasheet HTML 14Page - ITT Industries 143-2016-001 Datasheet HTML 15Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 120 page
background image
ARINC 600
BKAD/E/F
Contact Arrangements - Shell Sizes 2 and 3
11
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
BKAD/BKAE (Plug Rear face shown)
Shell Cavity
A,B,D,E
2W2
2 #1 COAX
4W4
4 Modified
#1 COAX
(Metallic Insert)
10T10**
10 #8 TRIAX/COAX
(#8 Grounded to Shell)
(Metallic Insert)
24**
24 #12
71W1
70 #22
1 #1 COAX
71W1B
70 #22
1 #1 COAX
60**
60 #20
49T2**
47 #20
2 #8 TRIAX
110**
100 #22
5 #12 & 5 #20
** Pending ARINC release.
(For Contact Cavity Location and Contact Cavity Identification refer to ARINC 600 or consult factory)
REAR SURFACE WHITE ON BLUE TO INDICATE REAR RELEASE. REAR REMOVAL CONTACTS FOR INSERTS CONTAINING STANDARD SIGNAL & POWER CONTACTS
150
150 #22
120T2 **
118 #22
2 #8 TWINAX/COAX
(#8 Grounded to Shell)
121**
110 #22
5 #16
6 #20


Similar Part No. - 143-2016-001

ManufacturerPart #DatasheetDescription
logo
ITT Industries
143-2016-001 ITT-143-2016-001 Datasheet
688Kb / 19P
   ARINC 600
143-2016-001 ITT-143-2016-001 Datasheet
688Kb / 19P
   ARINC 600 BKAD/E/F
More results

Similar Description - 143-2016-001

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com